Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISPLSI1016 Datasheet (PDF) - Lattice Semiconductor

ISPLSI1016 Datasheet PDF - Lattice Semiconductor
Part # ISPLSI1016
Download  ISPLSI1016 Download
File Size   148.36 Kbytes
Page   16 Pages
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor
Description In-System Programmable High Density PLD

ISPLSI1016 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISPLSI1016 Datasheet PDF - Lattice Semiconductor

Part # ISPLSI1016
Download  ISPLSI1016 Click to download

File Size   148.36 Kbytes
Page   16 Pages
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor
Description In-System Programmable High Density PLD

ISPLSI1016 Datasheet (HTML) - Lattice Semiconductor


ISPLSI1016 Product details

Description

The ispLSI 1016E is a High Density Programmable Logic Device containing 96 Registers, 32 Universal I/O pins, four Dedicated Input pins, three Dedicated Clock Input pins, one Global OE input pin and a Global Routing Pool (GRP). The GRP provides complete interconnectivity between all of these elements. The ispLSI 1016E offers 5V non-volatile in-system programmability of the logic, as well as the interconnect to provide truly reconfigurable systems. A functional superset of the ispLSI 1016 architecture, the ispLSI 1016E device adds a new global output enable pin.

The basic unit of logic on the ispLSI 1016E device is the Generic Logic Block (GLB). The GLBs are labeled A0, A1...B7 (see Figure 1). There are a total of 16 GLBs in the ispLSI 1016E device. Each GLB has 18 inputs, a programmable AND/OR/Exclusive OR array, and four outputs which can be configured to be either combinatorial or registered. Inputs to the GLB come from the GRP and dedicated inputs. All of the GLB outputs are brought back into the GRP so that they can be connected to the inputs of any other GLB on the device.



Features

• HIGH-DENSITY PROGRAMMABLE LOGIC

   — 2000 PLD Gates

   — 32 I/O Pins, Four Dedicated Inputs

   — 96 Registers

   — High-Speed Global Interconnect

   — Wide Input Gating for Fast Counters, State Machines, Address Decoders, etc.

   — Small Logic Block Size for Random Logic

• HIGH-PERFORMANCE E2CMOS® TECHNOLOGY

   — fmax = 125 MHz Maximum Operating Frequency

   — tpd = 7.5 ns Propagation Delay

   — TTL Compatible Inputs and Outputs

   — Electrically Erasable and Reprogrammable

   — Non-Volatile

   — 100% Tested at Time of Manufacture

   — Unused Product Term Shutdown Saves Power

• IN-SYSTEM PROGRAMMABLE

   — In-System Programmable (ISP™) 5V Only

   — Increased Manufacturing Yields, Reduced Time-to Market and Improved Product Quality

   — Reprogram Soldered Device for Faster Prototyping

• OFFERS THE EASE OF USE AND FAST SYSTEM SPEED OF PLDs WITH THE DENSITY AND FLEXIBILITY OF FIELD PROGRAMMABLE GATE ARRAYS

   — Complete Programmable Device Can Combine Glue Logic and Structured Designs

   — Enhanced Pin Locking Capability

   — Three Dedicated Clock Input Pins

   — Synchronous and Asynchronous Clocks

   — Programmable Output Slew Rate Control to Minimize Switching Noise

   — Flexible Pin Placement

   — Optimized Global Routing Pool Provides Global Interconnectivity

   — Lead-Free Package Options



 




Similar Part No. - ISPLSI1016

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPLSI1016E LATTICE-ISPLSI1016E Datasheet
150Kb / 12P
In-System Programmable High Density PLD
ISPLSI1016E LATTICE-ISPLSI1016E Datasheet
197Kb / 12P
In-System Programmable High Density PLD
ISPLSI1016E LATTICE-ISPLSI1016E Datasheet
269Kb / 13P
In-System Programmable High Density PLD
ISPLSI1016E-100LJ LATTICE-ISPLSI1016E-100LJ Datasheet
150Kb / 12P
In-System Programmable High Density PLD
ISPLSI1016E-100LJ LATTICE-ISPLSI1016E-100LJ Datasheet
197Kb / 12P
In-System Programmable High Density PLD
More results


Similar Description - ISPLSI1016

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
1024 LATTICE-1024 Datasheet
147Kb / 12P
In-System Programmable High Density PLD
1024EA LATTICE-1024EA Datasheet
162Kb / 13P
In-System Programmable High Density PLD
1032 LATTICE-1032 Datasheet
151Kb / 12P
In-System Programmable High Density PLD
1032EA LATTICE-1032EA Datasheet
198Kb / 16P
In-System Programmable High Density PLD
1048C LATTICE-1048C Datasheet
185Kb / 12P
In-System Programmable High Density PLD
1048EA LATTICE-1048EA Datasheet
182Kb / 14P
In-System Programmable High Density PLD
ISPLSI3448 LATTICE-ISPLSI3448 Datasheet
173Kb / 14P
In-System Programmable High Density PLD
ISPLSI1016E LATTICE-ISPLSI1016E_06 Datasheet
269Kb / 13P
In-System Programmable High Density PLD
ISPLSI1048E LATTICE-ISPLSI1048E_06 Datasheet
287Kb / 17P
In-System Programmable High Density PLD
ISPLSI3256E LATTICE-ISPLSI3256E Datasheet
251Kb / 15P
In-System Programmable High Density PLD
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com