Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP6535 Datasheet (PDF) - Injoinic Technology Co.,Ltd.

IP6535 Datasheet PDF - Injoinic Technology Co.,Ltd.
Part # IP6535
Download  IP6535 Download
File Size   1033.16 Kbytes
Page   20 Pages
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.
Description Maximum output of 36W; supports multiple fast-charging protocols.

IP6535 Datasheet (PDF)

Go To PDF Page Download Datasheet
IP6535 Datasheet PDF - Injoinic Technology Co.,Ltd.

Part # IP6535
Download  IP6535 Click to download

File Size   1033.16 Kbytes
Page   20 Pages
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.
Description Maximum output of 36W; supports multiple fast-charging protocols.

IP6535 Datasheet (HTML) - Injoinic Technology Co.,Ltd.


IP6535 Product details

Features
Synchronous Buck Converter
 Integrated power MOSFETs
 Input voltage range: 5.4V to 32V
 Output voltage range: 3V to 12V (automatically adjusted based on fast charging protocols)
 Output characteristics: CV/CP/CC
 Board-level conversion efficiency: 91.65% (at VIN = 24V, VOUT = 5V/3A)
 Soft-start function
 Output voltage cable compensation: 80mV at 1A




Similar Part No. - IP6535

ManufacturerPart #DatasheetDescription
logo
Injoinic Technology Co....
IP6536 INJOINIC-IP6536 Datasheet
821Kb / 16P
20 W PD output integrates multiple fast charging output protocols
V1.5 2019
IP6536 INJOINIC-IP6536 Datasheet
872Kb / 18P
integrated Dual port Type C PD 3.0 (waiting for fast charging protocol output SOC IC
V1.0.3 2019
IP6536 INJOINIC-IP6536 Datasheet
1Mb / 22P
Supports buck-boost SOCs for fast charging protocols such as UFCS/PD2.0/PD3.1/EPR28V.
V1.11 2023. 11
IP6537_C INJOINIC-IP6537_C Datasheet
821Kb / 16P
20 W PD output integrates multiple fast charging output protocols
V1.5 2019
IP6537_C INJOINIC-IP6537_C Datasheet
872Kb / 18P
integrated Dual port Type C PD 3.0 (waiting for fast charging protocol output SOC IC
V1.0.3 2019
More results


Similar Description - IP6535

ManufacturerPart #DatasheetDescription
logo
Injoinic Technology Co....
IP2703 INJOINIC-IP2703 Datasheet
897Kb / 11P
Integrated 10 protocols for fast charging protocol ICs for USB ports
IP5328P INJOINIC-IP5328P Datasheet
2Mb / 27P
Mobile power SOC supporting multiple protocols such as bidirectional PD3.0 fast charging
IP6505 INJOINIC-IP6505 Datasheet
757Kb / 11P
Maximum output 24 W, integrated with various fast charge output protocols
IP6518 INJOINIC-IP6518 Datasheet
799Kb / 12P
Maximum output 45W, integrated Type-C PD output and various fast charge output protocols
logo
Shenzhen Huazhimei Semi...
HM1596 HMSEMI-HM1596 Datasheet
884Kb / 9P
Maximum output 18W, integrated Type-C PD output and various fast charge output protocols
HM1597 HMSEMI-HM1597 Datasheet
869Kb / 9P
Maximum output 24W, integrated with various fast charge output protocols
HM1596A HMSEMI-HM1596A Datasheet
1,008Kb / 14P
18W PD output, integrated multiple fast charging output protocols
logo
Injoinic Technology Co....
IP5332 INJOINIC-IP5332 Datasheet
2Mb / 24P
Support bidirectional PD3.0 fast charging and other mobile power SOC with multiple protocols
Version 0.2 2015
IP5389 INJOINIC-IP5389 Datasheet
2Mb / 32P
Supports two-way SCP, VOOC, PD3.0 and other fast charging protocols, supports 2~5 cells in series Integrated buck-boost driver, maximum power 100W mobile power supply SOC
Version1.2 2021
IP6520 INJOINIC-IP6520 Datasheet
821Kb / 16P
20 W PD output integrates multiple fast charging output protocols
V1.5 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com