Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1065 Datasheet (PDF) - Time Electronics Ltd.

1065 Datasheet PDF - Time Electronics Ltd.
Part # 1065
Download  1065 Download
File Size   668.65 Kbytes
Page   1 Pages
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.
Description 1065 Power Resistance Decade Box

1065 Datasheet (PDF)

Go To PDF Page Download Datasheet
1065 Datasheet PDF - Time Electronics Ltd.

Part # 1065
Download  1065 Click to download

File Size   668.65 Kbytes
Page   1 Pages
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.
Description 1065 Power Resistance Decade Box

1065 Datasheet (HTML) - Time Electronics Ltd.


1065 Product details

Features
• 0.1 Ω to 120 kΩ
• 1 % accuracy
• 10 W total dissipation for any setting
• 500 V maximum working voltage
• In-line readout
• Mechanically and electrically robust
• Fully screened
• Safety terminals
• For resistance substitution in high voltage circuits
• Suitable for testing and checking meters




Similar Part No. - 1065

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
1065 SCHURTER-1065 Datasheet
406Kb / 3P
IEC Appliance Inlet C18 with Fuseholder 1-pole
1065 SCHURTER-1065 Datasheet
390Kb / 3P
IEC Appliance Inlet C18 with Fuseholder 1-pole
logo
Alpha Wire
1065 ALPHAWIRE-1065 Datasheet
98Kb / 4P
Customer Specification
8/25/2022
1065 ALPHAWIRE-1065 Datasheet
97Kb / 4P
Customer Specification
11/28/2022
logo
Heyco.
1065 HEYCO-1065 Datasheet
172Kb / 1P
Heyco® Liquid Tight Strain Relief Bushings
More results


Similar Description - 1065

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
380400 EXTECH-380400 Datasheet
162Kb / 1P
Resistance Decade Box
380405 EXTECH-380405 Datasheet
148Kb / 1P
Capacitance Decade Box
380500 EXTECH-380500 Datasheet
48Kb / 1P
Inductance Decade Box
logo
SparkFun Electronics
KIT-13006 SPARKFUN-KIT-13006 Datasheet
285Kb / 2P
SparkFun Decade Resistance Box
8/5/2016
logo
Analog Technologies, In...
ATCDB12 ANALOGTECHNOLOGIES-ATCDB12 Datasheet
202Kb / 2P
Adjustable Capacitor Decade Box
3/30/2021
ATRDB12 ANALOGTECHNOLOGIES-ATRDB12 Datasheet
285Kb / 4P
Resistance Decade Box
3/30/2021
logo
IET Labs Inc.
HPRS IET-HPRS Datasheet
376Kb / 2P
High Power Decade Resistance Substituter
Sept. 2018
PRS-300 IET-PRS-300 Datasheet
172Kb / 2P
Programmable Resistance Decade Substituter
Aug. 2017
PRS-330 IET-PRS-330 Datasheet
213Kb / 5P
Programmable Resistance Decade Substituter
Aug. 2018
RS925D IET-RS925D Datasheet
561Kb / 1P
(esi) Decade Resistance Substituter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com