Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9780 Datasheet (PDF) - Time Electronics Ltd.

9780 Datasheet PDF - Time Electronics Ltd.
Part # 9780
Download  9780 Download
File Size   646.54 Kbytes
Page   1 Pages
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.
Description 9780 Clamp Meter Adaptor

9780 Datasheet (PDF)

Go To PDF Page Download Datasheet
9780 Datasheet PDF - Time Electronics Ltd.

Part # 9780
Download  9780 Click to download

File Size   646.54 Kbytes
Page   1 Pages
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.
Description 9780 Clamp Meter Adaptor

9780 Datasheet (HTML) - Time Electronics Ltd.


9780 Product details

Features
• Twin coils fitted as standard
• Ratios 1:1 and 50:1
• Primary current up to 22 A
• Simulated current up to 1100 A
• AC or DC
• Frequency up to 90 Hz
• Max drive voltage 3 V
• Low resistance test leads included




Similar Part No. - 9780

ManufacturerPart #DatasheetDescription
logo
3M Electronics
9780 3M-9780 Datasheet
4Mb / 12P
3M™ EMI/EMC Electronic Materials
logo
Time Electronics Ltd.
9780 TIME-ELECTRONICS-9780 Datasheet
453Kb / 2P
5025 Multifunction Calibrator
v2d 27/5/11
9780 TIME-ELECTRONICS-9780 Datasheet
562Kb / 3P
5025C Series 2 Multifunction Calibrator
01/24
9780 TIME-ELECTRONICS-9780 Datasheet
697Kb / 3P
5025C Multifunction Calibrator
05/20
9780 TIME-ELECTRONICS-9780 Datasheet
515Kb / 3P
5025E Series 2 Multifunction Calibrator
01/24
More results


Similar Description - 9780

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
380976 EXTECH-380976 Datasheet
260Kb / 1P
1000A AC Power Clamp Meter
DC400 EXTECH-DC400 Datasheet
209Kb / 1P
Mini DC Clamp Meter
MA200 EXTECH-MA200 Datasheet
282Kb / 8P
400A AC Clamp Meter
380926 EXTECH-380926_15 Datasheet
213Kb / 1P
2000A AC/DC Clamp Meter
EX720 EXTECH-EX720 Datasheet
301Kb / 1P
800A Clamp Meter
EX700 EXTECH-EX700 Datasheet
301Kb / 1P
800A Clamp Meter
EX710 EXTECH-EX710_15 Datasheet
301Kb / 1P
800A Clamp Meter
logo
Fluke Corporation
303 FLUKE-303 Datasheet
1Mb / 24P
Clamp Meter
319 FLUKE-319 Datasheet
1Mb / 22P
Clamp Meter
logo
List of Unclassifed Man...
CL445 ETC-CL445 Datasheet
6Mb / 2P
HVAC CLAMP METER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com