Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9780 Datasheet(PDF) 1 Page - Time Electronics Ltd.

Part # 9780
Description  9780 Clamp Meter Adaptor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.

9780 Datasheet(HTML) 1 Page - Time Electronics Ltd.

  9780 Datasheet HTML 1Page - Time Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Time Electronics
9780 Clamp Meter Adaptor
Description
A precision adaptor for use with calibrated AC or DC sources and allows accurate calibration of a
wide range of clamp meters. It is built onto a solid quality 20 mm thick high insulation base plate,
with the twin coils potted into a recess on the top side of the base, forming a strong bond.
The foam protective mat allows accurate positioning of the clamp meter being calibrated.
Three heavy duty terminal posts with removable caps provide connection to the clamp adaptor.
The black centre post is the common connection and the two red posts allow selection of the
x1 or x50 turn coils. The low resistance test lead set supplied is made of multi-strand (735/0.12 mm)
oxygen free copper and is terminated with 8 AWG gold plated ring and plug terminals.
When used with a high current multifunction calibrator such as the TE 5025, 5051 or 7051, clamp
calibration up to 1100 A is possible. Two coil options are available, firstly a 1:1 coil (x1) i.e. 10 A in,
10 A out. Secondly the specially designed 50 turn coil (x50) which gives 1:50, i.e. 10 A in, 500 A out.
Features
• Twin coils fitted as standard
• Ratios 1:1 and 50:1
• Primary current up to 22 A
• Simulated current up to 1100 A
• AC or DC
• Frequency up to 90 Hz
• Max drive voltage 3 V
• Low resistance test leads included
Specifications
0 to 22 A. Transfer ratio 50:1 or 1:1.
Calibrator
Output frequency
Amp turns
Accuracy (% of output)
Plus floor (A)
0.2 to 2.2 A
DC
10 to 110
0.5
0.05
2.2 to 22 A
DC
110 to 1100
0.5
0.15
0.2 to 2.2 A
45 to 65 Hz
10 to 110
0.5
0.2
0.2 to 2.2 A
65 to 90 Hz
10 to 110
1
0.25
2.2 to 22 A
45 to 65 Hz
110 to 1100
0.5
0.7
2.2 to 22 A
65 to 90 Hz
110 to 1100
1
0.9
The above specification applies for use with general purpose clamp meters such as the Fluke 801-1000 or LEM LH1020.
Current loops.....................................................................................2 provided: a 1 to 1 ratio and a 50 to 1 ratio
Maximum allowed primary current..................................................22 A RMS. The frequency range is 45 to 90 Hz.
Series resistance...............................................................................1 turn coil = approximately 1 mΩ
50 turn coil = approximately 0.11 Ω. Inductance = 1 mH.
Operation ratings...............................................................................The 9780 is rated for continuous operation at 10 A.
At 22 A the duty cycle should be a maximum of 1 minutes on and 2 minutes off.
Maximum drive voltage.....................................................................3 V DC or 3 V RMS AC
Dimensions / Weight .........................................................................W 240 x D 280 x H85 mm / Weight: 3.9 kg
When used with older style clamp meters where substantial operating power is required it should be noted that additional power is required from the current source.
For example a 1000 A Ferranti clamp-on ammeter requires at least 50 % more power from the current source. This will require increased power transfer through the
clamp meter adaptor and therefore the on to off time should be increased to 1 to 10 ie 1 minute on and 10 minutes off.
Ordering Information
9780........................................................................................ Clamp Meter Adaptor
Time Electronics Ltd, Unit 5, TON Business Park, 2-8 Morley Road, Tonbridge, Kent, TN9 1RA, United Kingdom
T: +44 (0) 1732 355993 | F: +44 (0) 1732 350198 | mail@timeelectronics.co.uk | www.timeelectronics.com
v3a
03/20
Due to continuous development Time Electronics reserves
the right to change specifications without prior notice.


Similar Part No. - 9780

ManufacturerPart #DatasheetDescription
logo
3M Electronics
9780 3M-9780 Datasheet
4Mb / 12P
3M™ EMI/EMC Electronic Materials
logo
Time Electronics Ltd.
9780 TIME-ELECTRONICS-9780 Datasheet
453Kb / 2P
5025 Multifunction Calibrator
v2d 27/5/11
9780 TIME-ELECTRONICS-9780 Datasheet
562Kb / 3P
5025C Series 2 Multifunction Calibrator
01/24
9780 TIME-ELECTRONICS-9780 Datasheet
697Kb / 3P
5025C Multifunction Calibrator
05/20
9780 TIME-ELECTRONICS-9780 Datasheet
515Kb / 3P
5025E Series 2 Multifunction Calibrator
01/24
More results

Similar Description - 9780

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
380976 EXTECH-380976 Datasheet
260Kb / 1P
1000A AC Power Clamp Meter
DC400 EXTECH-DC400 Datasheet
209Kb / 1P
Mini DC Clamp Meter
MA200 EXTECH-MA200 Datasheet
282Kb / 8P
400A AC Clamp Meter
380926 EXTECH-380926_15 Datasheet
213Kb / 1P
2000A AC/DC Clamp Meter
EX720 EXTECH-EX720 Datasheet
301Kb / 1P
800A Clamp Meter
EX700 EXTECH-EX700 Datasheet
301Kb / 1P
800A Clamp Meter
EX710 EXTECH-EX710_15 Datasheet
301Kb / 1P
800A Clamp Meter
logo
Fluke Corporation
303 FLUKE-303 Datasheet
1Mb / 24P
Clamp Meter
319 FLUKE-319 Datasheet
1Mb / 22P
Clamp Meter
logo
List of Unclassifed Man...
CL445 ETC-CL445 Datasheet
6Mb / 2P
HVAC CLAMP METER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com