Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO2591SC6 Datasheet (PDF) - DIOO MICROCIRCUITS CO., LTD

DIO2591SC6 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
Part # DIO2591SC6
Download  DIO2591SC6 Download
File Size   402.39 Kbytes
Page   8 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description Video Filter

DIO2591SC6 Datasheet (PDF)

Go To PDF Page Download Datasheet
DIO2591SC6 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

Part # DIO2591SC6
Download  DIO2591SC6 Click to download

File Size   402.39 Kbytes
Page   8 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description Video Filter

DIO2591SC6 Datasheet (HTML) - DIOO MICROCIRCUITS CO., LTD


DIO2591SC6 Product details

Features
 One-ch 6th-order 11MHz SD filters
 6dB Output Driver Gain and
Drive Dual Video Load
 Transparent Input Clamping
 AC or DC Coupled Inputs
 AC or DC Coupled Outputs
 Operates from 3.135 to 5.5V
Single Power Supply
 Low Power (8mA)
 RoHS or Green SC70-6
SOT23-6 Package
 8kV ESD protection
Applications
 DVD Players
 Video Amplifiers
 Cable set-top boxes
 Personal Video Recorders
 Communications Devices
 Video on Demand
Descriptions
DIO2591 is a low voltage, one channel video
amplifier with integrated reconstruction filter and
input clamps. DIO2591 provides improved image
quality compared with passive LC filters and
discrete drivers solution, especially suited for
standard definition video signals, such as
television and set-top box applications. DIO2591
integrates equivalent SAG function being able to
drive 47μF capacitor directly under output
AC-coupled mode. This reduces the BOM cost
effectively with smaller PCB board size.
DIO2591 can be directly driven by a DC-coupled
DAC output or an AC-coupled signal. The output
in DIO2591 can also drive AC or DC coupled single
(150Ω) or dual (75Ω) loads. The DC coupling
capacitors can be removed.




Similar Part No. - DIO2591SC6

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO2514 DIOO-DIO2514 Datasheet
361Kb / 7P
Video Filter
Rev 1.0
DIO2514CST6 DIOO-DIO2514CST6 Datasheet
361Kb / 7P
Video Filter
Rev 1.0
DIO2554G DIOO-DIO2554G Datasheet
419Kb / 9P
Video Filter Driver
Rev 1.0
DIO2554GCM10 DIOO-DIO2554GCM10 Datasheet
419Kb / 9P
Video Filter Driver
Rev 1.0
DIO2554GCT14 DIOO-DIO2554GCT14 Datasheet
419Kb / 9P
Video Filter Driver
Rev 1.0
More results


Similar Description - DIO2591SC6

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2124SMD KR-2124SMD Datasheet
22Kb / 2P
Video Filter
2299 KR-2299 Datasheet
16Kb / 1P
Video Filter
2299-S KR-2299-S Datasheet
16Kb / 1P
Video Filter
2304 KR-2304 Datasheet
22Kb / 1P
Video Filter
2304-F KR-2304-F Datasheet
23Kb / 2P
Video Filter
2311 KR-2311 Datasheet
19Kb / 1P
Video Filter
2338 KR-2338 Datasheet
20Kb / 1P
Video Filter
2390 KR-2390 Datasheet
18Kb / 1P
Video Filter
2411 KR-2411 Datasheet
26Kb / 2P
Video Filter
2506 KR-2506 Datasheet
22Kb / 2P
Video Filter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com