Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO2591SC6 Datasheet(PDF) 4 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO2591SC6
Description  Video Filter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO2591SC6 Datasheet(HTML) 4 Page - DIOO MICROCIRCUITS CO., LTD

  DIO2591SC6 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO2591SC6 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO2591SC6 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO2591SC6 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO2591SC6 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO2591SC6 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO2591SC6 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO2591SC6 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
DIO2591
www.dioo.com
© 2015 DIOO MICROCIRCUITS CO., LTD
DIO2591• Rev. 1.5
Electrical Characteristics
Typical value: TA = 25°C, VCC=5V, RSOURCE=37.5Ω, RL=150Ω loads; all inputs are AC couple with 0.1µF; all outputs are AC coupled
with 220µF; unless otherwise specified.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
DC ELECTRICAL CHARACTERISTICS
ICC
Supply Current
8
12
mA
VIN
Video Input Voltage Range
GND
1.4
VPP
PSRR
Power Supply Rejection
-50
dB
DYNAMIC PERFORMANCE
AV
Channel Gain
5.8
6.0
6.2
dB
f1dB
-1dB Bandwidth
8.0
10.5
MHz
f3dB
-3dB Bandwidth
9
11.8
MHz
Filter Response
f=27MHz
-40
dB
DG
Differential Gain
0.2
%
DP
Differential Phase
0.36
°
THD
Output Distortion
f=1MHz
0.38
%
SNR
Signal to Noise Ratio
70
dB
Group Delay
f=400kHz, 6.5MHz
20
ns
CLG_SD
Chroma Luma Gain
f=3.58MHz ref to SD in at 400kHz
95
100
105
%
CLD_SD
Chroma Luma Delay
f=3.58MHz ref to SD in at 400kHz
5.5
ns
Notes: SNR=20 • log (714mV / rms noise).
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com