Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO2591SC6 Datasheet(PDF) 1 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO2591SC6
Description  Video Filter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO2591SC6 Datasheet(HTML) 1 Page - DIOO MICROCIRCUITS CO., LTD

  DIO2591SC6 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO2591SC6 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO2591SC6 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO2591SC6 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO2591SC6 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO2591SC6 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO2591SC6 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO2591SC6 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Rev 1.5
www.dioo.com
© 2015 DIOO MICROCIRCUITS CO., LTD
DIO2591• Rev. 1.5
DIO2591
One-Channel, 11MHz, 6
th-Order Standard Definition Video Filter
Features
One-ch 6
th-order 11MHz SD filters
6dB Output Driver Gain and
Drive Dual Video Load
Transparent Input Clamping
AC or DC Coupled Inputs
AC or DC Coupled Outputs
Operates from 3.135 to 5.5V
Single Power Supply
Low Power (8mA)
RoHS or Green SC70-6
SOT23-6 Package
8kV ESD protection
Applications
DVD Players
Video Amplifiers
Cable set-top boxes
Personal Video Recorders
Communications Devices
Video on Demand
Descriptions
DIO2591 is a low voltage, one channel video
amplifier with integrated reconstruction filter and
input clamps. DIO2591 provides improved image
quality compared with passive LC filters and
discrete drivers solution, especially suited for
standard
definition
video
signals,
such
as
television and set-top box applications. DIO2591
integrates equivalent SAG function being able to
drive
47µF
capacitor
directly
under
output
AC-coupled mode. This reduces the BOM cost
effectively with smaller PCB board size.
DIO2591 can be directly driven by a DC-coupled
DAC output or an AC-coupled signal.
The output
in DIO2591 can also drive AC or DC coupled single
(150Ω) or dual (75Ω) loads. The DC coupling
capacitors can be removed.
Block Diagram
Ordering Information
Order Part
Number
Top Marking
TA
Package
DIO2591CST6
YWXF
RoHS or Green
-40 to +85°C
SOT23-6
Tape & Reel, 3000
DIO2591SC6
YWXD
RoHS or Green
-40 to +85°C
SC70-6
Tape & Reel, 3000
Note: Y:Year,W:Week,X:Internal code,F/D:Fixed


Similar Part No. - DIO2591SC6

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO2514 DIOO-DIO2514 Datasheet
361Kb / 7P
Video Filter
Rev 1.0
DIO2514CST6 DIOO-DIO2514CST6 Datasheet
361Kb / 7P
Video Filter
Rev 1.0
DIO2554G DIOO-DIO2554G Datasheet
419Kb / 9P
Video Filter Driver
Rev 1.0
DIO2554GCM10 DIOO-DIO2554GCM10 Datasheet
419Kb / 9P
Video Filter Driver
Rev 1.0
DIO2554GCT14 DIOO-DIO2554GCT14 Datasheet
419Kb / 9P
Video Filter Driver
Rev 1.0
More results

Similar Description - DIO2591SC6

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2124SMD KR-2124SMD Datasheet
22Kb / 2P
Video Filter
2299 KR-2299 Datasheet
16Kb / 1P
Video Filter
2299-S KR-2299-S Datasheet
16Kb / 1P
Video Filter
2304 KR-2304 Datasheet
22Kb / 1P
Video Filter
2304-F KR-2304-F Datasheet
23Kb / 2P
Video Filter
2311 KR-2311 Datasheet
19Kb / 1P
Video Filter
2338 KR-2338 Datasheet
20Kb / 1P
Video Filter
2390 KR-2390 Datasheet
18Kb / 1P
Video Filter
2411 KR-2411 Datasheet
26Kb / 2P
Video Filter
2506 KR-2506 Datasheet
22Kb / 2P
Video Filter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com