Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO703HBST5 Datasheet (PDF) - DIOO MICROCIRCUITS CO., LTD

DIO703HBST5 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
Part # DIO703HBST5
Download  DIO703HBST5 Download
File Size   2157.49 Kbytes
Page   15 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description Distribution Switch

DIO703HBST5 Datasheet (PDF)

Go To PDF Page Download Datasheet
DIO703HBST5 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

Part # DIO703HBST5
Download  DIO703HBST5 Click to download

File Size   2157.49 Kbytes
Page   15 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description Distribution Switch

DIO703HBST5 Datasheet (HTML) - DIOO MICROCIRCUITS CO., LTD


DIO703HBST5 Product details

Features
 Input voltage: 2.7V to 5.5V
 Typical 75mΩ on-resistance
 Three different continuous current versions
 Under voltage lockout
 Over current protection, short circuit
protection and over temperature protection
 Fault time 5ms typically with blanking
 Reverse blocking (no body diode)
 No reverse current when power ON or power
OFF
 Enable polarity: active high or active low
 Compact SOT23-5, SOIC-8, EP-MSOP8 and
MSOP-8 packages
 UL certification File No. E483954
Applications
 USB Ports/Hubs
 Digital TV
 Set-Top Boxes
 VOIP Phones
Descriptions
The DIO703 power distribution switch is intended
for applications where precision current limiting
is required or heavy capacitive loads and short
circuits are encountered. The power switch rising
and falling times are controlled to minimize
current surges during turning on/off.
The DIO703A/B/C provide separately
350mA/500mA/1A three current levels.
The DIO703 device limits the output current under
a safe level by using a constant current mode
when the output load exceeds the current limit
threshold.
The DIO703 is available in the SOT23-5, SOIC-8,
EP-MSOP8 and MSOP-8 packages. It is rated over
the -40°C to 85°C temperature range.




Similar Part No. - DIO703HBST5

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO70020 DIOO-DIO70020 Datasheet
1,012Kb / 10P
5.5 V, 2.5 A Low Loss Power Distribution Switch
Rev 1.2
DIO70020HST5 DIOO-DIO70020HST5 Datasheet
1,012Kb / 10P
5.5 V, 2.5 A Low Loss Power Distribution Switch
Rev 1.2
DIO70020LST5 DIOO-DIO70020LST5 Datasheet
1,012Kb / 10P
5.5 V, 2.5 A Low Loss Power Distribution Switch
Rev 1.2
DIO7004 DIOO-DIO7004 Datasheet
649Kb / 12P
5.5V Low Loss Power Distribution Switch
Rev 1.1
DIO70040 DIOO-DIO70040 Datasheet
1Mb / 14P
5.5 V Low Loss Power Distribution Switch
Version 1.1, Aug 2025
More results


Similar Description - DIO703HBST5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2537 MICREL-MIC2537_11 Datasheet
86Kb / 12P
Quad Power Distribution Switch Quad Power Distribution Switch
logo
Global Mixed-mode Techn...
G553 GMT-G553 Datasheet
179Kb / 1P
Power Distribution Switch
logo
Unisonic Technologies
US3X77 UTC-US3X77_15 Datasheet
628Kb / 10P
POWER DISTRIBUTION SWITCH
logo
Global Mixed-mode Techn...
G548S GMT-G548S Datasheet
123Kb / 1P
Power Distribution Switch
G543 GMT-G543 Datasheet
55Kb / 1P
Power Distribution Switch
G5250 GMT-G5250 Datasheet
90Kb / 1P
Power Distribution Switch
logo
Unisonic Technologies
US3X77 UTC-US3X77_17 Datasheet
636Kb / 10P
POWER DISTRIBUTION SWITCH
US3075 UTC-US3075_15 Datasheet
603Kb / 9P
POWER DISTRIBUTION SWITCH
logo
List of Unclassifed Man...
G547E ETC1-G547E Datasheet
1Mb / 15P
Power Distribution Switch
logo
Global Mixed-mode Techn...
G524A GMT-G524A_V01 Datasheet
2Mb / 19P
Power Distribution Switch
Ver: 0.94 Aug 02, 2016
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com