Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO2694 Datasheet (PDF) - DIOO MICROCIRCUITS CO., LTD

DIO2694 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
Part # DIO2694
Download  DIO2694 Download
File Size   344.31 Kbytes
Page   8 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description Video Filter

DIO2694 Datasheet (PDF)

Go To PDF Page Download Datasheet
DIO2694 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

Part # DIO2694
Download  DIO2694 Click to download

File Size   344.31 Kbytes
Page   8 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description Video Filter

DIO2694 Datasheet (HTML) - DIOO MICROCIRCUITS CO., LTD


DIO2694 Product details

Features
 One CVBS channel with 6th-order, 10MHz filter
 Three channels with per channel a 6th-order,
80MHz filter
 Transparent Input Clamping
 Fixed 6dB Gain
 AC or DC Coupled Inputs
 AC or DC Coupled Outputs
 Operates from 3.135V to 5.25V
 Single Power Supply
 Green MSOP-10 Package with exposed pad
Applications
 DVD Players
 Video Amplifiers
 Cable set-top boxes
 Personal Video Recorders
 Communications Devices
 Video on Demand
Descriptions
DIO2694 is a low voltage, four channels video
amplifier with integrated 6dB reconstruction
filter and input clamps. In fact, DIO2694
integrates a single CVBS (SD) video driver plus a
triple HD video driver. DIO2694 can improve
image quality compared to the passive LC filters.
All channels can be directly driven by a
DC-coupled or an AC-coupled signal. Internal
diode-like clamps and bias circuitry may be used
if AC-coupled inputs are required. The output
in DIO2694 can also drive AC or DC coupled
single (150Ω) or dual (75Ω) loads. The DC
coupling capacitors can be removed.




Similar Part No. - DIO2694

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO2663 DIOO-DIO2663 Datasheet
362Kb / 7P
Video Filter Driver
SOICRev
DIO2663CS8 DIOO-DIO2663CS8 Datasheet
362Kb / 7P
Video Filter Driver
SOICRev
DIO2664 DIOO-DIO2664 Datasheet
563Kb / 9P
Video Filter Driver
TSSOPRev
DIO2664CT14 DIOO-DIO2664CT14 Datasheet
563Kb / 9P
Video Filter Driver
TSSOPRev
DIO2673 DIOO-DIO2673 Datasheet
778Kb / 14P
Video Filter Driver
Rev 1.0
More results


Similar Description - DIO2694

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2124SMD KR-2124SMD Datasheet
22Kb / 2P
Video Filter
2299 KR-2299 Datasheet
16Kb / 1P
Video Filter
2299-S KR-2299-S Datasheet
16Kb / 1P
Video Filter
2304 KR-2304 Datasheet
22Kb / 1P
Video Filter
2304-F KR-2304-F Datasheet
23Kb / 2P
Video Filter
2311 KR-2311 Datasheet
19Kb / 1P
Video Filter
2338 KR-2338 Datasheet
20Kb / 1P
Video Filter
2390 KR-2390 Datasheet
18Kb / 1P
Video Filter
2411 KR-2411 Datasheet
26Kb / 2P
Video Filter
2506 KR-2506 Datasheet
22Kb / 2P
Video Filter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com