Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO2774CT14 Datasheet (PDF) - DIOO MICROCIRCUITS CO., LTD

DIO2774CT14 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
Part # DIO2774CT14
Download  DIO2774CT14 Download
File Size   568.08 Kbytes
Page   10 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description Video Amplifier

DIO2774CT14 Datasheet (PDF)

Go To PDF Page Download Datasheet
DIO2774CT14 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

Part # DIO2774CT14
Download  DIO2774CT14 Click to download

File Size   568.08 Kbytes
Page   10 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description Video Amplifier

DIO2774CT14 Datasheet (HTML) - DIOO MICROCIRCUITS CO., LTD


DIO2774CT14 Product details

Features
 One SD Video Amplifier for CVBS Video
 Three HD Video Amplifiers
 Transparent Input Clamping
 Fixed 6dB Gain
 AC or DC Coupled Inputs
 AC or DC Coupled Outputs
 Operates from 3.135V to 5.25V
 Single Power Supply
 RoHS or Green TSSOP-14 Package
 HBM ESD protection:
Output to GND: 8kV
All others to GND: 7kV
Applications
 DVD Players
 Video Amplifiers
 Cable set-top boxes
 Personal Video Recorders
 Communications Devices
 Video on Demand
Descriptions
DIO2774 is a low power, 4
with one standard definition
and three high-definition (HD) filter chan
CVBS filter features 8th order
channels feature 8th order filters.
All CVBS and HD
digital-to-analog converter (DAC) reconstruction
filters or as analog-to-digital converter (ADC)
filters. The HD filters can be bypassed to support
1080p60 video or up to super extended graphics
array (SXGA) RGB video.
Either ac or dc-coupled inputs can configure the
device. And the device has fle
capabilities also.
s
channels video amplifier
(SD) for CVBS video
channels. The
filter and the HD
filters are used as
ters flexible input coupling




Similar Part No. - DIO2774CT14

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO2763 DIOO-DIO2763 Datasheet
393Kb / 7P
Triple Video Driver
Rev 1.0
DIO2763CS8 DIOO-DIO2763CS8 Datasheet
393Kb / 7P
Triple Video Driver
Rev 1.0
DIO2764 DIOO-DIO2764 Datasheet
363Kb / 9P
Video Amplifier
Rev 1.0
DIO2764CT14 DIOO-DIO2764CT14 Datasheet
363Kb / 9P
Video Amplifier
Rev 1.0
More results


Similar Description - DIO2774CT14

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM592 NJRC-NJM592 Datasheet
193Kb / 7P
VIDEO AMPLIFIER
logo
NXP Semiconductors
NE5592 PHILIPS-NE5592 Datasheet
63Kb / 6P
Video amplifier
1987 Oct 20
NE592 PHILIPS-NE592 Datasheet
141Kb / 8P
Video amplifier
April 15, 1992
logo
Zetex Semiconductors
ZXFV202 ZETEX-ZXFV202 Datasheet
34Kb / 2P
Video Amplifier
logo
Mitsumi Electronics, Co...
MM1002 MITSUMI-MM1002 Datasheet
104Kb / 6P
Video Amplifier
logo
ON Semiconductor
NE592 ONSEMI-NE592 Datasheet
173Kb / 12P
Video Amplifier
October, 2006 ??Rev. 4
logo
Agamem Microelectronic ...
AA8500AP AGAMEM-AA8500AP Datasheet
160Kb / 5P
VIDEO AMPLIFIER
AA8630 AGAMEM-AA8630 Datasheet
153Kb / 6P
VIDEO AMPLIFIER
AA8500 AGAMEM-AA8500 Datasheet
41Kb / 1P
VIDEO AMPLIFIER
logo
ON Semiconductor
NE592 ONSEMI-NE592_16 Datasheet
102Kb / 10P
Video Amplifier
March, 2016 ??Rev. 5
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com