Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO8358MP8 Datasheet (PDF) - DIOO MICROCIRCUITS CO., LTD

DIO8358MP8 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
Part # DIO8358MP8
Download  DIO8358MP8 Download
File Size   462.5 Kbytes
Page   9 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description Dual Channel 1MHz , Rail-to-Rail I/O CMOS Amplifier

DIO8358MP8 Datasheet (PDF)

Go To PDF Page Download Datasheet
DIO8358MP8 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

Part # DIO8358MP8
Download  DIO8358MP8 Click to download

File Size   462.5 Kbytes
Page   9 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description Dual Channel 1MHz , Rail-to-Rail I/O CMOS Amplifier

DIO8358MP8 Datasheet (HTML) - DIOO MICROCIRCUITS CO., LTD


DIO8358MP8 Product details

Features
 Rail-to-Rail Input and Output
 Channel A ±0.8mV Typical offset, Channel B
4.9mV Typical offset
 Unity Gain Stable
 Gain Bandwidth Product: 1MHz
 Very low input bias currents : 5pA
 Wide supply range: 2.1V to 5.5V
 Input Voltage Range:
 -0.1V to +5.6V with V+ = 5.5V
 Ultra low power: 50μA per channel
 Small size packaging best for portable
applications, available in SOIC-8 and MSOP-8
Applications
 ASIC Input or Output Amplifier
 Sensor Interface
 Piezo Electric Transducer Amplifier
 Medical Instrumentation
 Audio Output
 Portable Systems
 Smoke Detectors
 Notebook PC
 Battery-Powered equipment
Descriptions
DIO8358 is dual channel rail-to-rail CMOS
operational amplifiers with ultra low offset.
Features include wide input common-mode
voltage range and broad output voltage swing with
operating supply voltage from 2.1V to 5.5V.
Products are fully specified over the extended
–40°C to +125°C temperature range.
DIO8358 provides 1MHz bandwidth consuming
ultra low current of 40μA per channel. Very low
input bias currents of 5pA enable the DIO8358 ideal
for integrators, photodiode amplifiers, and
piezoelectric sensors.




Similar Part No. - DIO8358MP8

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO8015 DIOO-DIO8015 Datasheet
1Mb / 26P
4-Channel LDO PMIC for Camera Applications
Version 1.2, Mar 2025
DIO8015CN10 DIOO-DIO8015CN10 Datasheet
1Mb / 26P
4-Channel LDO PMIC for Camera Applications
Version 1.2, Mar 2025
DIO8016 DIOO-DIO8016 Datasheet
1Mb / 26P
4-Channel LDO PMIC for Camera Applications
Version 1.0 Sep 2024
DIO8016CN10 DIOO-DIO8016CN10 Datasheet
1Mb / 26P
4-Channel LDO PMIC for Camera Applications
Version 1.0 Sep 2024
DIO8017 DIOO-DIO8017 Datasheet
2Mb / 52P
7-Channel LDO PMIC for Camera Applications
Version 1.1, Dec 2025
More results


Similar Description - DIO8358MP8

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM321 SGMICRO-SGM321 Datasheet
682Kb / 18P
1MHz, 60關A, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8545 SGMICRO-SGM8545 Datasheet
381Kb / 11P
Rail-to-Rail I/O CMOS Operational Amplifier
SGM8582 SGMICRO-SGM8582 Datasheet
447Kb / 12P
Dual Rail-to-Rail I/O Precision Operational Amplifier
logo
E-CMOS Corporation
EC5759 E-CMOS-EC5759 Datasheet
809Kb / 12P
1MHz, Low Power, CMOS, Rail-to-Rail Dual Operational Amplifier
ECV321 E-CMOS-ECV321 Datasheet
490Kb / 13P
1MHz, 1.8V, CMOS, Rail-to-Rail Operational Amplifier
ECV358 E-CMOS-ECV358 Datasheet
798Kb / 13P
1MHz, 1.8V, CMOS, Rail-to-Rail Dual Operational Amplifier
logo
ON Semiconductor
FAN4174 ONSEMI-FAN4174 Datasheet
1Mb / 13P
Single and Dual,Rail-to-Rail I/O, CMOS Amplifier
December-2107, Rev. 2
logo
Unisonic Technologies
ULV8542 UTC-ULV8542 Datasheet
204Kb / 5P
RAIL-TO-RAIL I/O CMOS DUAL AMPS
logo
First Silicon Co., Ltd
FC321SOT FS-FC321SOT Datasheet
587Kb / 8P
1MHz, 60uA, Rail-to-Rail I/O CMOS Operational Amplifiers
FC358F FS-FC358F Datasheet
599Kb / 9P
1MHz, 60uA, Rail-to-Rail I/O CMOS Operational Amplifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com