Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO8835WL25 Datasheet (PDF) - DIOO MICROCIRCUITS CO., LTD

DIO8835WL25 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
Part # DIO8835WL25
Download  DIO8835WL25 Download
File Size   5768.61 Kbytes
Page   44 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description 1.5/3 A Thermoelectric Cooler (TEC) Controller

DIO8835WL25 Datasheet (PDF)

Go To PDF Page Download Datasheet
DIO8835WL25 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

Part # DIO8835WL25
Download  DIO8835WL25 Click to download

File Size   5768.61 Kbytes
Page   44 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description 1.5/3 A Thermoelectric Cooler (TEC) Controller

DIO8835WL25 Datasheet (HTML) - DIOO MICROCIRCUITS CO., LTD


DIO8835WL25 Product details

 Features
 Wide 2.7 V to 5.5 V operating input range
 2.5 V reference output with 1% accuracy
 Up to 1.5/3 A TEC current
- DIO8834: 1.5 A
- DIO8835: 3 A
 Low internal MOSFETs for PWM switches and
linear switches
 Integrated operational amplifier as a
proportional integral differential (PID)
compensator
 Default 2 MHz switching frequency
 Applications
 EDFA
 Optical fiber amplifiers
 Systems requiring TEC temperature control
 Description
The DIO8834/5 are integrated thermoelectric cooler
controllers (TEC) with built-in internal power
MOSFETs. The DIO8834/5 can reach 1.5/3 A of
continuous output current from a 2.7 V to 5.5 V input
voltage range. The TEC voltage is linearly controlled
by chopper amplifier output voltage.
The DIO8834/5 have a linear power stage, a
pulse-width modulation (PWM) power stage, and two
zero-drift, rail-to-rail chopper amplifiers.
By measuring the thermal sensor feedback voltage
and using the integrated operational amplifiers as a
proportional integral differential (PID) compensator
to condition the signal, the DIO8834/5 drive current
through a TEC to set the temperature of a laser
diode attached to the TEC module to the
programmed target temperature.




Similar Part No. - DIO8835WL25

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO8833 DIOO-DIO8833 Datasheet
3Mb / 39P
1.5 A Thermoelectric Cooler (TEC) Controller
Version 1.0, Nov 2025
DIO8833FD16 DIOO-DIO8833FD16 Datasheet
3Mb / 39P
1.5 A Thermoelectric Cooler (TEC) Controller
Version 1.0, Nov 2025
More results


Similar Description - DIO8835WL25

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN8830 AD-ADN8830 Datasheet
416Kb / 24P
Thermoelectric Cooler Controller
11/03-Data Sheet Changed from REV. B to REV. C.
ADN8831 AD-ADN8831 Datasheet
505Kb / 11P
Thermoelectric Cooler (TEC) Controller
7/03-Data Sheet Changed from REV PrB to REV PrC.
ADN8830ACPZ AD-ADN8830ACPZ Datasheet
279Kb / 22P
Thermoelectric Cooler Controller
REV. D
ADN8831ACPZ-R2 AD-ADN8831ACPZ-R2 Datasheet
408Kb / 20P
Thermoelectric Cooler (TEC) Controller
REV. A
ADN8831ACP AD-ADN8831ACP Datasheet
408Kb / 20P
Thermoelectric Cooler (TEC) Controller
REV. A
ADN8830 AD-ADN8830_15 Datasheet
279Kb / 22P
Thermoelectric Cooler Controller
REV. D
ADN8831 AD-ADN8831_15 Datasheet
408Kb / 20P
Thermoelectric Cooler (TEC) Controller
REV. A
ADN8834 AD-ADN8834 Datasheet
1Mb / 27P
Ultracompact, 1.5 A Thermoelectric Cooler (TEC) Controller
REV. A
ADN8835 AD-ADN8835 Datasheet
647Kb / 27P
Ultracompact, 3 A Thermoelectric Cooler (TEC) Controller
9/2018-Rev. A to Rev. B
ADN8834 AD-ADN8834_V01 Datasheet
899Kb / 27P
Ultracompact, 1.5 A Thermoelectric Cooler (TEC) Controller
Rev. B
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com