Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6764 Datasheet (PDF) - STMicroelectronics

6764 Datasheet PDF - STMicroelectronics
Part # 6764
Download  6764 Download
File Size   205.56 Kbytes
Page   27 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description AUDIO SIGNAL PROCESSOR

6764 Datasheet (PDF)

Go To PDF Page Download Datasheet
6764 Datasheet PDF - STMicroelectronics

Part # 6764
Download  6764 Click to download

File Size   205.56 Kbytes
Page   27 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description AUDIO SIGNAL PROCESSOR

6764 Datasheet (HTML) - STMicroelectronics


6764 Product details

DESCRIPTION
 The TDA7340G I2C bus controlled audio signal processor contains all signal processing blocks of a high performance car radio, including audio processor, stereodecoder, noise blanker, pause detector and different mute functions.

AUDIOPROCESSOR:
■ MUTE, SOFT MUTE AND ZERO CROSSING MUTE
■ ONE DIFFERENTIAL, TWO STEREO AND TWO MONO INPUTS
■ DIFFERENTIAL PHONE INPUT
■ VOLUME, BASS, TREBLE AND LOUDNESS CONTROL
■ FOUR SPEAKER ATTENUATORS WITH IN DEPENDENT ATTENUATION CONTROL

STEREODECODER:
■ ROLL-OFF ADJUSTMENT
■ ADJUSTMENT FREE INTEGRATED 456KHz VCO
■ HIGH CUT CONTROL
■ STEREO BLEND

NOISE BLANKER:
■ INTEGRATED HIGH-PASS FILTER
■ NOISE RECTIFIER OUTPUT FOR QUALITY DETECTION
■ PROGRAMMABLE TRIGGER THRESHOLD
■ DEVIATION AND FIELD STRENGTH DEPENDENT TRIGGER ADJUSTMENT

PAUSE DETECTOR:
■ PROGRAMMABLE THRESHOLD




Similar Part No. - 6764

ManufacturerPart #DatasheetDescription
logo
Hugo Mueller GmbH & Co....
676410RF HUGO-MUELLER-676410RF Datasheet
59Kb / 2P
WIRELESS SENSORS AND TRANSMITTER
logo
Molex Electronics Ltd.
67643-0910 MOLEX8-67643-0910 Datasheet
180Kb / 4P
Universal Serial Bus (USB) Shielded I/O Receptacle, Right Angle, Type A, BlackPolyester, Gold (Au) Flash, PCB Thickness 1.60mm (.063
67643-0931 MOLEX8-67643-0931 Datasheet
180Kb / 4P
Universal Serial Bus (USB) Shielded I/O Receptacle, Right Angle, Type A, HighTemperature Black Nylon, 0.76關m (30關") Gold (Au) Plating, PCB Thickness 1.20mm
67643-0980 MOLEX8-67643-0980 Datasheet
200Kb / 4P
Universal Serial Bus (USB) Shielded I/O Receptacle, Right Angle, Type A, HighTemperature Black Nylon, Gold (Au) Flash Plating, PCB Thickness 1.20mm (.047"),
67643-0990 MOLEX8-67643-0990 Datasheet
200Kb / 4P
Universal Serial Bus (USB) Shielded I/O Receptacle, Right Angle, Type A, BlackPolyester, Gold (Au) Flash, PCB Thickness 1.60mm (.063"), with Upper Flange, Lead
More results


Similar Description - 6764

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M61511FP MITSUBISHI-M61511FP Datasheet
2Mb / 10P
AUDIO SIGNAL PROCESSOR
logo
STMicroelectronics
TDA7340 STMICROELECTRONICS-TDA7340 Datasheet
115Kb / 16P
AUDIO SIGNAL PROCESSOR
Sep-1999
logo
Toshiba Semiconductor
TC9331F TOSHIBA-TC9331F Datasheet
1Mb / 33P
AUDIO DIGITAL SIGNAL PROCESSOR
TC9332F TOSHIBA-TC9332F Datasheet
1Mb / 28P
AUDIO DIGITAL SIGNAL PROCESSOR
TC9337F TOSHIBA-TC9337F Datasheet
1Mb / 31P
AUDIO DIGITAL SIGNAL PROCESSOR
logo
Samsung semiconductor
KA22293-Q SAMSUNG-KA22293-Q Datasheet
205Kb / 8P
AUDIO SIGNAL PROCESSOR
logo
Sanyo Semicon Device
LC83010N SANYO-LC83010N Datasheet
446Kb / 20P
AUDIO DIGITAL SIGNAL PROCESSOR
logo
Sony Corporation
CXD2027Q SONY-CXD2027Q Datasheet
465Kb / 32P
DBS Audio Signal Processor
logo
Mitsubishi Electric Sem...
M61519FP MITSUBISHI-M61519FP Datasheet
382Kb / 19P
AUDIO SIGNAL PROCESSOR WITH SURROUND
logo
Renesas Technology Corp
M61529FP RENESAS-M61529FP Datasheet
426Kb / 24P
Audio Signal Processor with Surround
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com