Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6764 Datasheet(PDF) 8 Page - STMicroelectronics

Part # 6764
Description  AUDIO SIGNAL PROCESSOR
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

6764 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button 6764 Datasheet HTML 4Page - STMicroelectronics 6764 Datasheet HTML 5Page - STMicroelectronics 6764 Datasheet HTML 6Page - STMicroelectronics 6764 Datasheet HTML 7Page - STMicroelectronics 6764 Datasheet HTML 8Page - STMicroelectronics 6764 Datasheet HTML 9Page - STMicroelectronics 6764 Datasheet HTML 10Page - STMicroelectronics 6764 Datasheet HTML 11Page - STMicroelectronics 6764 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
ELECTRICAL CHARACTERISTICS (continued)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
NOISE INTERFERENCE DETECTOR
VTR
Trigger Threshold 7) 8)
(see pulse slope fig 3)
meas. with
VRECT = 1.2V
NTB = 10
100
mVP
NTB = 01
130
mVP
NTB = 10
160
mVP
NTB = 01
190
mVP
meas. with
VRECT = 1.4V
NTB = 00
150
mVP
NTB = 11
200
mVP
NTB = 10
250
mVP
NTB = 01
300
mVP
VRECT
Rectifier Voltage
VMPXIN = 0mV
0.5
0.9
1.3
V
VMPXIN = 50mV;f = 200KHz
1.9
V
VMPXIN = 100mV; f = 200KHz
2.0
2.9
3.4
V
TS
Suppression Pulse Duration
CBLANK = 470pF
40
µs
IOS
Input Offset Current During
Suppression Time
10
pA
VRECTDEV
Deviation Dependent Rectifier
Voltage 9)
meas. with
VMPX =500mV
(75KHz dev.)
OVD = 11(off)
0.9
V
OVD = 10
1.3
V
OVD = 01
2.3
V
OVD = 00
3.2
V
VRECTFS
Field strength Controlled Rectifier
Voltage 10)
meas. with
VMPX =
0mV,
VSB =VR =-
500 mV (Fully
Mono)
FSC = 11(off)
0.9
V
FSC = 10
1.2
V
FSC = 01
1.8
V
FSC = 00
2.2
V
NOTES TO THE CHARACTERISTICS
1) INTERMODULATION SUPPRESSION
α2 =
VO
(signal)(at1KHz)
VO
(spurious)(at1KHZ)
;fs = (2 x 10KHz) - 19KHz
α3 =
VO (signal)(at1KHz)
VO
(spurious)(at1KHZ)
;fs = (3 x 13KHz) - 38KHz
measured with : 91% mono signal; 9% pilot signal; fm=10KHz or 13KHz
2) TRAFFIC RADIO (V.F.) suppression
α57 (V.W.F.)=
VO(signal) (at1KHz)
VO
(spurious)(at1KHZ ±23Hz)
measured with : 91% stereo signal; 9% pilot signal; fm=1KHz; 5% subcarrier
(f=57KHz, fm = 23Hz AM, m = 60%)
TDA7340G
8/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com