Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6764 Datasheet(PDF) 18 Page - STMicroelectronics

Part # 6764
Description  AUDIO SIGNAL PROCESSOR
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

6764 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button 6764 Datasheet HTML 14Page - STMicroelectronics 6764 Datasheet HTML 15Page - STMicroelectronics 6764 Datasheet HTML 16Page - STMicroelectronics 6764 Datasheet HTML 17Page - STMicroelectronics 6764 Datasheet HTML 18Page - STMicroelectronics 6764 Datasheet HTML 19Page - STMicroelectronics 6764 Datasheet HTML 20Page - STMicroelectronics 6764 Datasheet HTML 21Page - STMicroelectronics 6764 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
80KHz LP
SIGNAL PATH
ATC
AUTOMATIC
THRESHOLD
CONTROL
PEAK+VTH
RECT-PEAK
BUF
PEAK
AMP
RECT
-
+
PEAK COMP
REF.
BLANK COMP
2
4
5
I
2
C-BUS
ADDITIONAL THRESHOLD
CONTROL
(ATC-SB, MPX_RECT)
40
µs
LEFT
RIGHT
to OUTPUTS
MPX IN
VR
VSB
CPEAK
47nF
RPEAK
82K
Ω
CBLANK
330pF
D95AU330
-
+
140KHz HP
120KHz HP
LEVEL
Figure 4: Block Diagram of the Noise Blanker
65mV
30mV
8 STEPS
NOISE ADJUSTED
TRIG. THRESHOLD
MIN. TRIG. THRESHOLD
260mV(01)
220mV(10)
180mV(11)
140mV(00)
0.9V
VTH
1.5V
VPEAK(V)
D95AU331
Figure 5: Trigger Threshold vs. Vpeak
TDA7340G
18/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com