Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6764 Datasheet(PDF) 14 Page - STMicroelectronics

Part # 6764
Description  AUDIO SIGNAL PROCESSOR
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

6764 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button 6764 Datasheet HTML 10Page - STMicroelectronics 6764 Datasheet HTML 11Page - STMicroelectronics 6764 Datasheet HTML 12Page - STMicroelectronics 6764 Datasheet HTML 13Page - STMicroelectronics 6764 Datasheet HTML 14Page - STMicroelectronics 6764 Datasheet HTML 15Page - STMicroelectronics 6764 Datasheet HTML 16Page - STMicroelectronics 6764 Datasheet HTML 17Page - STMicroelectronics 6764 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
NOISE BLANKER: SPKR LF
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
Noise Contrelled Trigger Adjustment (NAT) *)
at VPEAK = 1.5V
00
VTHNOISE = 140mV
01
VTHNOISE = 260mV
10
VTHNOISE = 220mV
11
VTHNOISE = 280mV
Noise Blanker Trigger Threshold Fine Adjust
0
The NBT Threshold is reduced by 5mV
1
Threshold is as defined above (35, 45, 55, 65mV)
NOISE BLANKER: SPKR LR
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
Over Deviation Detector (OVD) *)
(VSB =VR = -1V, fully mono)
00
VPEAKDEV = 2.8VOP
01
VPEAKDEV = 2.0VOP
10
VPEAKDEV = 1.2VOP
1
1
off
Noise Blanker Input Mode *)
0
Internal MPX trigger path is disabled and the
LEVEL pin is directly connected to the trigger
input (bypassing the high pass filter).
1
Internal MPX trigger path and the LEVEL pin via
the 120KHz high pass are connected (default)
NOISE BLANKER: SPKR RF
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
Field Strength Control (FSC) *)
(VSS =VR = -1V, fully mono)
00
VPEAKFS = 2.4V
01
VPEAKFS = 1.9V
10
VPEAKFS = 1.4V
1
1
off
0
Blend Mode on
1
Blend Mode off
NOISE BLANKER: SPKR RR
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
Roll Off Compensation
0
0
1
13.8%
0
1
0
15.6%
0
1
1
17.4%
1
0
0
19.2%
101
21%
1
1
0
22.8%
1
1
1
24.6%
*) See Noise blanker description
TDA7340G
14/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com