Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6764 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 6764
Description  AUDIO SIGNAL PROCESSOR
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

6764 Datasheet(HTML) 1 Page - STMicroelectronics

  6764 Datasheet HTML 1Page - STMicroelectronics 6764 Datasheet HTML 2Page - STMicroelectronics 6764 Datasheet HTML 3Page - STMicroelectronics 6764 Datasheet HTML 4Page - STMicroelectronics 6764 Datasheet HTML 5Page - STMicroelectronics 6764 Datasheet HTML 6Page - STMicroelectronics 6764 Datasheet HTML 7Page - STMicroelectronics 6764 Datasheet HTML 8Page - STMicroelectronics 6764 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
TDA7340G
AUDIO SIGNAL PROCESSOR
AUDIOPROCESSOR:
MUTE, SOFT MUTE AND ZERO CROSSING
MUTE
ONE DIFFERENTIAL, TWO STEREO AND
TWO MONO INPUTS
DIFFERENTIAL PHONE INPUT
VOLUME, BASS, TREBLE AND LOUDNESS
CONTROL
FOUR SPEAKER ATTENUATORS WITH IN-
DEPENDENT ATTENUATION CONTROL
STEREODECODER:
ROLL-OFF ADJUSTMENT
ADJUSTMENT FREE INTEGRATED 456KHz
VCO
HIGH CUT CONTROL
STEREO BLEND
NOISE BLANKER:
INTEGRATED HIGH-PASS FILTER
NOISE RECTIFIER OUTPUT FOR QUALITY
DETECTION
PROGRAMMABLE TRIGGER THRESHOLD
DEVIATION AND FIELD STRENGTH DE-
PENDENT TRIGGER ADJUSTMENT
PAUSE DETECTOR:
PROGRAMMABLE THRESHOLD
ALLFUNCTIONS PROGRAMMABLEVIA I
2CBUS
DESCRIPTION
The TDA7340G I
2C bus controlled audio signal
processor contains all signal processing blocks of
a high performance car radio, including audio-
processor, stereodecoder, noise blanker, pause
detector and different mute functions.
The use of BICMOS technology allows the imple-
mentation of several filter functions with switched
capacitor techniques like fully integrated, adjust-
ment free PLL Loop filter, pilot detector with inte-
grator and pilot cancellation.
This minimizes the number of external compo-
nents.
Due to a highly linear signal processing, using
CMOS-switching techniques instead of standard
bipolar multipliers, very low distortion and very
low noise are obtained also in the stereodecoder
part. The audioprocessor contains several new
features like softmute, zero-crossing mute and
pause detector.
Very low DC stepping is obtained by use of a
BICMOS technology.
September 1999
®
ORDERING NUMBER: TDA7340G
PQFP44
1/27


Similar Part No. - 6764

ManufacturerPart #DatasheetDescription
logo
Hugo Mueller GmbH & Co....
676410RF HUGO-MUELLER-676410RF Datasheet
59Kb / 2P
WIRELESS SENSORS AND TRANSMITTER
logo
Molex Electronics Ltd.
67643-0910 MOLEX8-67643-0910 Datasheet
180Kb / 4P
Universal Serial Bus (USB) Shielded I/O Receptacle, Right Angle, Type A, BlackPolyester, Gold (Au) Flash, PCB Thickness 1.60mm (.063
67643-0931 MOLEX8-67643-0931 Datasheet
180Kb / 4P
Universal Serial Bus (USB) Shielded I/O Receptacle, Right Angle, Type A, HighTemperature Black Nylon, 0.76關m (30關") Gold (Au) Plating, PCB Thickness 1.20mm
67643-0980 MOLEX8-67643-0980 Datasheet
200Kb / 4P
Universal Serial Bus (USB) Shielded I/O Receptacle, Right Angle, Type A, HighTemperature Black Nylon, Gold (Au) Flash Plating, PCB Thickness 1.20mm (.047"),
67643-0990 MOLEX8-67643-0990 Datasheet
200Kb / 4P
Universal Serial Bus (USB) Shielded I/O Receptacle, Right Angle, Type A, BlackPolyester, Gold (Au) Flash, PCB Thickness 1.60mm (.063"), with Upper Flange, Lead
More results

Similar Description - 6764

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M61511FP MITSUBISHI-M61511FP Datasheet
2Mb / 10P
AUDIO SIGNAL PROCESSOR
logo
STMicroelectronics
TDA7340 STMICROELECTRONICS-TDA7340 Datasheet
115Kb / 16P
AUDIO SIGNAL PROCESSOR
Sep-1999
logo
Toshiba Semiconductor
TC9331F TOSHIBA-TC9331F Datasheet
1Mb / 33P
AUDIO DIGITAL SIGNAL PROCESSOR
TC9332F TOSHIBA-TC9332F Datasheet
1Mb / 28P
AUDIO DIGITAL SIGNAL PROCESSOR
TC9337F TOSHIBA-TC9337F Datasheet
1Mb / 31P
AUDIO DIGITAL SIGNAL PROCESSOR
logo
Samsung semiconductor
KA22293-Q SAMSUNG-KA22293-Q Datasheet
205Kb / 8P
AUDIO SIGNAL PROCESSOR
logo
Sanyo Semicon Device
LC83010N SANYO-LC83010N Datasheet
446Kb / 20P
AUDIO DIGITAL SIGNAL PROCESSOR
logo
Sony Corporation
CXD2027Q SONY-CXD2027Q Datasheet
465Kb / 32P
DBS Audio Signal Processor
logo
Mitsubishi Electric Sem...
M61519FP MITSUBISHI-M61519FP Datasheet
382Kb / 19P
AUDIO SIGNAL PROCESSOR WITH SURROUND
logo
Renesas Technology Corp
M61529FP RENESAS-M61529FP Datasheet
426Kb / 24P
Audio Signal Processor with Surround
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com