Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YB1253 Datasheet (PDF) - YOBON TECHNOLOGIES,INC.

YB1253 Datasheet PDF - YOBON TECHNOLOGIES,INC.
Part # YB1253
Download  YB1253 Download
File Size   476.33 Kbytes
Page   11 Pages
Manufacturer  YOBON [YOBON TECHNOLOGIES,INC.]
Direct Link  http://www.yobon.com.tw
Logo YOBON - YOBON TECHNOLOGIES,INC.
Description 300mA, Low Power, High PSRR LDO Regulator

YB1253 Datasheet (PDF)

Go To PDF Page Download Datasheet
YB1253 Datasheet PDF - YOBON TECHNOLOGIES,INC.

Part # YB1253
Download  YB1253 Click to download

File Size   476.33 Kbytes
Page   11 Pages
Manufacturer  YOBON [YOBON TECHNOLOGIES,INC.]
Direct Link  http://www.yobon.com.tw
Logo YOBON - YOBON TECHNOLOGIES,INC.
Description 300mA, Low Power, High PSRR LDO Regulator

YB1253 Datasheet (HTML) - YOBON TECHNOLOGIES,INC.


YB1253 Product details

Description
The YB1253 is a series of ultra-low-noise, high PSRR, and low quiescent current low dropout (LDO) linear regulators with 2.0% output voltage accuracy. The YB1253 regulators achieve a low 300mA dropout at 300mA load current of 3.6V output and are available in voltages ranging from 1.2V to 3.6V with 0.1 V per step (custom voltage is considerate at request).

Features
• High Accuracy Output Voltage : + 2%
• Wide Output Voltage Range : 1.2~3.6V
• Ultra-Low-Noise Low-Drop-Out
• Typical Output Current : 300 mA
• Low Quiescent Current: ~10μA
• 300mV Dropout at 300mA 3.6V Output
• Stable with 1.0μF Ceramic Capacitor
• Only Need Input and Output Capacitors
• Thermal Protection Shutdown
• Auto discharge function
• Green Package (RoHS) Available

Applications
• PDA, Notebook, PC Computers
• DSC, Cellular phones
• PCMCIA Cards, PC Cameras
• USB Based Portable Devices
• GSM/GPRS/3G RF Transceiver
• Wireless LANs
• Bluetooth Portable Radios
• Battery-Powered Devices




Similar Part No. - YB1253

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1200 YOBON-YB1200 Datasheet
434Kb / 11P
High Accuracy Ultra-Low-Noise, High PSRR LDO Regulator
YB1200R YOBON-YB1200R Datasheet
698Kb / 11P
150mA High PSRR with Auto-Discharge LDO Regulator
YB1200SC70S-1.8G YOBON-YB1200SC70S-1.8G Datasheet
434Kb / 11P
High Accuracy Ultra-Low-Noise, High PSRR LDO Regulator
YB1200SC70S-2.5G YOBON-YB1200SC70S-2.5G Datasheet
434Kb / 11P
High Accuracy Ultra-Low-Noise, High PSRR LDO Regulator
YB1200SC70S-2.6G YOBON-YB1200SC70S-2.6G Datasheet
434Kb / 11P
High Accuracy Ultra-Low-Noise, High PSRR LDO Regulator
More results


Similar Description - YB1253

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS9007 TSC-TS9007 Datasheet
205Kb / 5P
300mA Ultra-Low-Noise, High PSRR LDO Regulator
logo
YOBON TECHNOLOGIES,INC.
YB1210 YOBON-YB1210 Datasheet
449Kb / 12P
300mA Ultra-Low-Noise, High PSRR LDO Regulator
logo
Holtek Semiconductor In...
HT72BXX HOLTEK-HT72BXX Datasheet
1Mb / 13P
High PSRR 300mA LDO Regulator
HT72D1518 HOLTEK-HT72D1518 Datasheet
6Mb / 14P
High PSRR 300mA Dual LDO Regulator
logo
YOBON TECHNOLOGIES,INC.
YB1210R YOBON-YB1210R Datasheet
388Kb / 12P
300mA, Ultra-Low-Noise, High PSRR LDO Regulator
logo
Pericom Semiconductor C...
PT7M8218 PERICOM-PT7M8218 Datasheet
409Kb / 11P
300mA, High PSRR, LDO Regulator
logo
Asahi Kasei Microsystem...
AP1152 AKM-AP1152 Datasheet
1,005Kb / 27P
300mA Output,High PSRR,Low Noise LDO Regulator
logo
Excelliance MOS Corp.
EM1101 EXCELLIANCE-EM1101 Datasheet
260Kb / 8P
300mA High PSRR Low Noise, Adjustable LDO Regulator
EM1103 EXCELLIANCE-EM1103 Datasheet
275Kb / 8P
300mA, High PSRR, Low Noise LDO Regulator
EM1105 EXCELLIANCE-EM1105 Datasheet
756Kb / 8P
300mA, High PSRR, Low Noise, Adjustable LDO Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com