Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T35L6464A Datasheet (PDF) - Taiwan Memory Technology

T35L6464A Datasheet PDF - Taiwan Memory Technology
Part # T35L6464A
Download  T35L6464A Download
File Size   160.84 Kbytes
Page   16 Pages
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology
Description 64K x 64 SRAM???

T35L6464A Datasheet (PDF)

Go To PDF Page Download Datasheet
T35L6464A Datasheet PDF - Taiwan Memory Technology

Part # T35L6464A
Download  T35L6464A Click to download

File Size   160.84 Kbytes
Page   16 Pages
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology
Description 64K x 64 SRAM???

T35L6464A Datasheet (HTML) - Taiwan Memory Technology


T35L6464A Product details

GENERAL DESCRIPTION
The Taiwan Memory Technology Synchronous Burst RAM family employs: high-speed, low power CMOS design using advanced triple-layer polysilicon, double-layer metal technology. Each memory cell consists of four transistors and two high valued resistors.

FEATURES
• Fast Access times: 5, 6, 7, and 8ns
• Fast clock speed: 100, 83, 66, and 50 MHz
• Provide high performance 3-1-1-1 access rate
• Fast OE access times: 5 and 6ns
• Single 3.3V +10% / -5V power supply
• Common data inputs and data outputs
• BYTE WRITE ENABLE and GLOBAL WRITE control
• Five chip enables for depth expansion and address pipelining
• Address, control, input, and output pipelined registers
• Internally self-timed WRITE cycle
• WRITE pass-through capability
• Burst control pins ( interleaved or linear burst sequence)
• High density, high speed packages
• Low capacitive bus loading
• High 30pF output drive capability at rated access time
• SNOOZE MODE for reduced power standby
• Single cycle disable ( PentiumT M BSRAM compatible )




Similar Part No. - T35L6464A

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T35L6432A TMT-T35L6432A Datasheet
1Mb / 15P
64K x 32 SRAM?
T35L6432A-5Q TMT-T35L6432A-5Q Datasheet
1Mb / 15P
64K x 32 SRAM?
T35L6432A-5T TMT-T35L6432A-5T Datasheet
1Mb / 15P
64K x 32 SRAM?
T35L6432B TMT-T35L6432B Datasheet
162Kb / 16P
64K x 32 SRAM???
T35L6432B-10Q TMT-T35L6432B-10Q Datasheet
162Kb / 16P
64K x 32 SRAM???
More results


Similar Description - T35L6464A

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T35L6432A TMT-T35L6432A Datasheet
1Mb / 15P
64K x 32 SRAM?
T35L6432B TMT-T35L6432B Datasheet
162Kb / 16P
64K x 32 SRAM???
logo
Austin Semiconductor
MT5C2565 AUSTIN-MT5C2565 Datasheet
122Kb / 11P
64K x 4 SRAM MEMORY ARRAY
logo
List of Unclassifed Man...
UT6164C64A ETC-UT6164C64A Datasheet
234Kb / 15P
64K X 64 SYNCHRONOUS PIPELINED BURST CMOS SRAM
logo
GSI Technology
GS71024 GSI-GS71024 Datasheet
278Kb / 13P
64K x 24 1.5Mb Asynchronous SRAM
logo
Integrated Circuit Syst...
IC61LV6432 ICST-IC61LV6432 Datasheet
210Kb / 21P
64K x 32 Pipelined Sync. SRAM
logo
Micron Technology
MT5C6401 MICRON-MT5C6401 Datasheet
128Kb / 11P
64K x 1 SRAM
logo
Austin Semiconductor
MT5C6401 AUSTIN-MT5C6401 Datasheet
132Kb / 10P
64K x 1 SRAM SRAM MEMORY ARRAY
MT5C2564 AUSTIN-MT5C2564_05 Datasheet
94Kb / 12P
64K x 4 SRAM SRAM MEMORY ARRAY
logo
GSI Technology
GS71116AU-10I GSI-GS71116AU-10I Datasheet
122Kb / 14P
64K x 16 1Mb Asynchronous SRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com