Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFR-RAV040-1076B1 Datasheet (PDF) - DDK Ltd.

DFR-RAV040-1076B1 Datasheet PDF - DDK Ltd.
Part # DFR-RAV040-1076B1
Download  DFR-RAV040-1076B1 Download
File Size   251.94 Kbytes
Page   3 Pages
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.
Description 0.8mm Pitch Board to Board Floating Connector

DFR-RAV040-1076B1 Datasheet (PDF)

Go To PDF Page Download Datasheet
DFR-RAV040-1076B1 Datasheet PDF - DDK Ltd.

Part # DFR-RAV040-1076B1
Download  DFR-RAV040-1076B1 Click to download

File Size   251.94 Kbytes
Page   3 Pages
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.
Description 0.8mm Pitch Board to Board Floating Connector

DFR-RAV040-1076B1 Datasheet (HTML) - DDK Ltd.




Similar Part No. - DFR-RAV040-1076B1

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
DFR-0.5A LUGUANG-DFR-0.5A Datasheet
175Kb / 2P
Surface Mount Fast Recovery Rectifiers
DFR-0.5B LUGUANG-DFR-0.5B Datasheet
175Kb / 2P
Surface Mount Fast Recovery Rectifiers
DFR-0.5D LUGUANG-DFR-0.5D Datasheet
175Kb / 2P
Surface Mount Fast Recovery Rectifiers
DFR-0.5G LUGUANG-DFR-0.5G Datasheet
175Kb / 2P
Surface Mount Fast Recovery Rectifiers
DFR-0.5J LUGUANG-DFR-0.5J Datasheet
175Kb / 2P
Surface Mount Fast Recovery Rectifiers
More results


Similar Description - DFR-RAV040-1076B1

ManufacturerPart #DatasheetDescription
logo
FCI connector
61083 FCI-CONNECTOR-61083 Datasheet
461Kb / 6P
0.8mM BOARD TO BOARD PLUG ASSY
logo
Hirose Electric
FX18-60P-0.8SV HIROSE-FX18-60P-0.8SV Datasheet
2Mb / 12P
10Gbps 0.8mm pitch Board to Board Connectors
logo
Japan Aviation Electron...
BA1 JAE-BA1 Datasheet
490Kb / 4P
0.8mm Pitch Board-to-Board Factory Automation Connector
CP2 JAE-CP2 Datasheet
266Kb / 3P
Board-to-Board Floating Coaxial Connector
KX24 JAE-KX24 Datasheet
231Kb / 6P
0.8mm Pitch Board to Board Connector
logo
EXCEL CELL ELECTRONIC C...
EBB-PR22 ECE-EBB-PR22 Datasheet
230Kb / 5P
0.8mm Contact Spacing, Board To Board SMT Connectors
EBB-PR24 ECE-EBB-PR24 Datasheet
336Kb / 4P
0.8mm Contact Spacing, Board To Board SMT Connectors
EBB-PR27 ECE-EBB-PR27 Datasheet
187Kb / 3P
0.8mm Contact Spacing, Board To Board SMT Connectors
logo
Hirose Electric
FX26 HIROSE-FX26 Datasheet
661Kb / 12P
140℃ Heat and Vibration Resistant Board-to-Board Floating Connector
logo
Harwin Plc
M58-280XX42R HARWIN-M58-280XX42R Datasheet
182Kb / 2P
FEMALE 0.8MM PITCH BOARD TO BOARD VERTICAL SMT
28.10.21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com