Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC4820 Datasheet (PDF) - Transcom, Inc.

TC4820 Datasheet PDF - Transcom, Inc.
Part # TC4820
Download  TC4820 Download
File Size   32.15 Kbytes
Page   1 Pages
Manufacturer  TRANSCOM [Transcom, Inc.]
Direct Link  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.
Description 30 - 36 GHz 24dBm MMIC

TC4820 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC4820 Datasheet PDF - Transcom, Inc.

Part # TC4820
Download  TC4820 Click to download

File Size   32.15 Kbytes
Page   1 Pages
Manufacturer  TRANSCOM [Transcom, Inc.]
Direct Link  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.
Description 30 - 36 GHz 24dBm MMIC

TC4820 Datasheet (HTML) - Transcom, Inc.




Similar Part No. - TC4820

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
TC482 ALLEN-BRADLEY-TC482 Datasheet
11Mb / 114P
IEC Contactor Specifications
2021
More results


Similar Description - TC4820

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA032P1-00 ALPHA-AA032P1-00 Datasheet
163Kb / 2P
30-36 GHz GaAs MMIC Power Amplifier
logo
List of Unclassifed Man...
TC1900 ETC1-TC1900 Datasheet
48Kb / 2P
30 KHz - 12 GHz MMIC
logo
Skyworks Solutions Inc.
AA038P1-00 SKYWORKS-AA038P1-00 Datasheet
76Kb / 2P
36-39 GHz GaAs MMIC Driver Amplifier
logo
HBH Microwave GmbH
HA8003 HBH-HA8003 Datasheet
25Kb / 1P
30 - 36 GHz Low Noise Amplifier
logo
Transcom, Inc.
TC1900 TRANSCOM-TC1900 Datasheet
63Kb / 2P
30 KHz - 12 GHz MMIC
TC1985 TRANSCOM-TC1985 Datasheet
100Kb / 4P
29 - 36 GHz 2W PA MMIC
TC4830 TRANSCOM-TC4830 Datasheet
30Kb / 1P
30 - 36 GHz 29dBm MMIC
logo
Hittite Microwave Corpo...
HMC263LP4E HITTITE-HMC263LP4E_10 Datasheet
963Kb / 8P
GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz
logo
Transcom, Inc.
TA060-180-25-24 TRANSCOM-TA060-180-25-24 Datasheet
63Kb / 2P
6 ~ 18 GHz 24dBm Medium Power Amplifier
logo
Analog Devices
HMC1106 AD-HMC1106 Datasheet
776Kb / 10P
GaAs MMIC MIXER 15 - 36 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com