Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC4830 Datasheet (PDF) - Transcom, Inc.

TC4830 Datasheet PDF - Transcom, Inc.
Part # TC4830
Download  TC4830 Download
File Size   30.65 Kbytes
Page   1 Pages
Manufacturer  TRANSCOM [Transcom, Inc.]
Direct Link  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.
Description 30 - 36 GHz 29dBm MMIC

TC4830 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC4830 Datasheet PDF - Transcom, Inc.

Part # TC4830
Download  TC4830 Click to download

File Size   30.65 Kbytes
Page   1 Pages
Manufacturer  TRANSCOM [Transcom, Inc.]
Direct Link  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.
Description 30 - 36 GHz 29dBm MMIC

TC4830 Datasheet (HTML) - Transcom, Inc.




Similar Part No. - TC4830

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
TC480 ALLEN-BRADLEY-TC480 Datasheet
11Mb / 114P
IEC Contactor Specifications
2021
logo
VITALCONN ELECTRONICS H...
TC48010S VITALCONN-TC48010S Datasheet
1Mb / 3P
2.5G/5G BASE-T Dual Port MAGNETICS MODULES SUPPORTS POE PLUS
2022/04/25 REV:A1
TC48010S1 VITALCONN-TC48010S1 Datasheet
1Mb / 3P
2.5G BASE-T DUAL PORT MAGNETICS MODULES SUPPORTS POE PLUS
2023/01/09 REV:A1
logo
Teledyne Technologies I...
TC4803 TELEDYNE-TC4803 Datasheet
359Kb / 5P
1.4A HIGH - SPEED OPTO-ISOLATED POWER MOSFET DRIVER
TC4803EPA TELEDYNE-TC4803EPA Datasheet
359Kb / 5P
1.4A HIGH - SPEED OPTO-ISOLATED POWER MOSFET DRIVER
More results


Similar Description - TC4830

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA032P1-00 ALPHA-AA032P1-00 Datasheet
163Kb / 2P
30-36 GHz GaAs MMIC Power Amplifier
logo
List of Unclassifed Man...
TC3532 ETC-TC3532 Datasheet
151Kb / 3P
4.9 - 6 GHz 29dBm MMIC
TC1900 ETC1-TC1900 Datasheet
48Kb / 2P
30 KHz - 12 GHz MMIC
logo
Skyworks Solutions Inc.
AA038P1-00 SKYWORKS-AA038P1-00 Datasheet
76Kb / 2P
36-39 GHz GaAs MMIC Driver Amplifier
logo
Transcom, Inc.
TC3539 TRANSCOM-TC3539 Datasheet
254Kb / 4P
4.8 - 6 GHz 29dBm Self-Bias MMIC
TC3532 TRANSCOM-TC3532 Datasheet
170Kb / 3P
4.9 - 6 GHz 29dBm Single-Bias MMIC
TC1900 TRANSCOM-TC1900 Datasheet
63Kb / 2P
30 KHz - 12 GHz MMIC
TC1985 TRANSCOM-TC1985 Datasheet
100Kb / 4P
29 - 36 GHz 2W PA MMIC
TC4820 TRANSCOM-TC4820 Datasheet
32Kb / 1P
30 - 36 GHz 24dBm MMIC
logo
Analog Devices
HMC1106 AD-HMC1106 Datasheet
776Kb / 10P
GaAs MMIC MIXER 15 - 36 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com