Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMDT3946 Datasheet (PDF) - Pan Jit International Inc.

MMDT3946 Datasheet PDF - Pan Jit International Inc.
Part # MMDT3946
Download  MMDT3946 Download
File Size   216.94 Kbytes
Page   6 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description COMPLEMENTARY NPN / PNP GENERAL PURPOSE SWITCHING TRANSISTOR

MMDT3946 Datasheet (PDF)

Go To PDF Page Download Datasheet
MMDT3946 Datasheet PDF - Pan Jit International Inc.

Part # MMDT3946
Download  MMDT3946 Click to download

File Size   216.94 Kbytes
Page   6 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description COMPLEMENTARY NPN / PNP GENERAL PURPOSE SWITCHING TRANSISTOR

MMDT3946 Datasheet (HTML) - Pan Jit International Inc.


MMDT3946 Product details

VOLTAGE 40 Volts POWER 200 mWatts

FEATURES
• Epitaxial silicon, planar design
• Collector-emitter voltage VCE = 40V
• Collector current IC = 200mA
• In compliance with EU RoHS 2002/95/EC directives
• Transition Frequency > 300MHz fT@IC=10mA,VCE=20V,
   f=100MHz




Similar Part No. - MMDT3946

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MMDT3946 TRSYS-MMDT3946 Datasheet
323Kb / 3P
CMOPLEMENTARY NPN/PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Diodes Incorporated
MMDT3946 DIODES-MMDT3946 Datasheet
73Kb / 5P
COMPLEMENTARY NPN/PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30123 Rev. 4 - 2
MMDT3946 DIODES-MMDT3946 Datasheet
318Kb / 5P
COMPLEMENTARY NPN / PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30123 Rev. 8 - 2
logo
Galaxy Semi-Conductor H...
MMDT3946 BILIN-MMDT3946 Datasheet
251Kb / 5P
Small Signal Surface Mount Transistor
logo
Diodes Incorporated
MMDT3946 DIODES-MMDT3946 Datasheet
221Kb / 5P
COMPLEMENTARY NPN / PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 10 - 2
More results


Similar Description - MMDT3946

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
2N3906 PANJIT-2N3906 Datasheet
157Kb / 4P
PNP GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT2907A PANJIT-MMBT2907A Datasheet
874Kb / 5P
PNP GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT3906W PANJIT-MMBT3906W Datasheet
115Kb / 4P
PNP GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT2907AW PANJIT-MMBT2907AW Datasheet
159Kb / 5P
PNP GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT3906 PANJIT-MMBT3906_08 Datasheet
164Kb / 4P
PNP GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT3906W PANJIT-MMBT3906W_10 Datasheet
128Kb / 4P
PNP GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT4403W PANJIT-MMBT4403W_09 Datasheet
273Kb / 4P
PNP GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT3906-AU PANJIT-MMBT3906-AU Datasheet
312Kb / 6P
PNP GENERAL PURPOSE SWITCHING TRANSISTOR
2SB2907 PANJIT-2SB2907 Datasheet
716Kb / 7P
PNP GENERAL PURPOSE SWITCHING TRANSISTOR
MMBT3906TB PANJIT-MMBT3906TB Datasheet
479Kb / 5P
PNP General Purpose Switching Transistor
August 10,2022 MMBT3906TB-REV.01
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com