Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XE8801A Datasheet (PDF) - Semtech Corporation

XE8801A Datasheet PDF - Semtech Corporation
Part # XE8801A
Download  XE8801A Download
File Size   1889.13 Kbytes
Page   135 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Data Acquisition with ZoomingADC?

XE8801A Datasheet (PDF)

Go To PDF Page Download Datasheet
XE8801A Datasheet PDF - Semtech Corporation

Part # XE8801A
Download  XE8801A Click to download

File Size   1889.13 Kbytes
Page   135 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Data Acquisition with ZoomingADC?

XE8801A Datasheet (HTML) - Semtech Corporation


XE8801A Product details

General Description
The XE8801A is a data acquisition ultra low power, low-voltage, system on a chip (SoC) with a high efficiency embedded microcontroller unit (MCU), allowing for 1 MIPS at 300uA and 2.4 V, and multiplying in one clock cycle.

Key product Features
• Low-power, high resolution ZoomingADC
    • 0.5 to 1000 gain with offset cancellation
    • up to 16 bits analog to digital converter
    • up to 13 inputs multiplexer
• Low-voltage low-power controller operation
    • 2 MIPS with 2.4 V to 5.5 V operation
    • 300 µA at 1 MIPS over voltage range
• 22 kByte (8 kInstruction) MTP or ROM
• 520 Byte RAM data memory
• RC and crystal oscillators
• 5 reset, 22 interrupt, 8 event sources
• 100 years MTP Flash retention at 55°C

Applications
• Portable, battery operated instruments
• Current loop powered instruments
• Wheatstone bridge interfaces
• Pressure and chemical sensors
• HVAC control
• Metering
• Sports watches, wrist instruments




Similar Part No. - XE8801A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
XE8802 SEMTECH-XE8802 Datasheet
1Mb / 193P
Sensing Machine Data Acquisition MCU
XE8802MI000 SEMTECH-XE8802MI000 Datasheet
1Mb / 193P
Sensing Machine Data Acquisition MCU
XE8802MI035LF SEMTECH-XE8802MI035LF Datasheet
1Mb / 193P
Sensing Machine Data Acquisition MCU
XE8805 SEMTECH-XE8805 Datasheet
1Mb / 156P
Data Acquisition MCU
Rev 1 January 2006
XE8805A SEMTECH-XE8805A Datasheet
1Mb / 156P
Data Acquisition MCU
Rev 1 January 2006
More results


Similar Description - XE8801A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XE88LC02 ETC1-XE88LC02 Datasheet
2Mb / 184P
Sensing Machine Data Acquisition MCU with 16 10 bit ZoomingADC and LCD driver
logo
Intersil Corporation
ADC0801 INTERSIL-ADC0801 Datasheet
6Mb / 180P
Data Acquisition
logo
Semtech Corporation
SX8723C SEMTECH-SX8723C Datasheet
1Mb / 67P
ZoomingADC for sensing data acquisition
SX8724C SEMTECH-SX8724C Datasheet
1Mb / 67P
ZoomingADC for sensing data acquisition
SX8725C SEMTECH-SX8725C Datasheet
1Mb / 68P
ZoomingADC for sensing data acquisition
SX8725S SEMTECH-SX8725S Datasheet
1Mb / 69P
ZoomingADC for sensing data acquisition ADVANCED COMMUNICATIONS & SENSING
SX8723S SEMTECH-SX8723S Datasheet
1Mb / 68P
ZoomingADC for sensing data acquisition
SX8724S SEMTECH-SX8724S Datasheet
1Mb / 69P
ZoomingADC for sensing data acquisition
logo
Maxim Integrated Produc...
MAX44000EVSYS MAXIM-MAX44000EVSYS Datasheet
2Mb / 25P
Continuous Data Acquisition
Rev 0; 11/11
logo
Semtech Corporation
SX8724CEVK SEMTECH-SX8724CEVK Datasheet
1Mb / 67P
ZoomingADC for sensing data acquisition
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com