Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XE8802 Datasheet (PDF) - Semtech Corporation

XE8802 Datasheet PDF - Semtech Corporation
Part # XE8802
Download  XE8802 Download
File Size   1551.77 Kbytes
Page   193 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Sensing Machine Data Acquisition MCU

XE8802 Datasheet (PDF)

Go To PDF Page Download Datasheet
XE8802 Datasheet PDF - Semtech Corporation

Part # XE8802
Download  XE8802 Click to download

File Size   1551.77 Kbytes
Page   193 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Sensing Machine Data Acquisition MCU

XE8802 Datasheet (HTML) - Semtech Corporation


XE8802 Product details

General Description
The XE8802 includes a high resolution acquisition path with the 16+10 bits ZoomingADC™ and an LCD driver for up to 120 segments. The LCD lines can be used as additional I/Os.

Key product Features
• Low-power, high resolution ZoomingADC
    • 16-bits sigma-delta type ADC
    • 0.5 to 1000 gain with offset cancellation
    • up to 13 inputs multiplexer, 8 dedicated inputs
    • 4 low power comparators
• Low-voltage low-power controller operation
    • 2 or 4 MIPS max, 2.4 to 5.5 V operation
    • 300µA per 1MIPS over full voltage range
    • 7MIPS or 1.2V operation in ROM
    • Hardware MULT
• up to 22kByte (8 kInstruction) MTP
• 1032Byte RAM data memory
• RC and crystal oscillators
• 5 reset, 22 interrupt, 8 event sources
• 36 I/O lines, hardware UART and SPI
• 120 segments LCD driver, can be used as 32 extra I/O lines
• 100 years MTP Flash retention at 55°C

Applications
• Portable, battery operated instruments
• Medical portable instrument
• Remote control
• HVAC control
• Metering
• Sports watches, wrist instruments




Similar Part No. - XE8802

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
XE8801A SEMTECH-XE8801A Datasheet
1Mb / 135P
Data Acquisition with ZoomingADC?
XE8801AMI027LF SEMTECH-XE8801AMI027LF Datasheet
1Mb / 135P
Data Acquisition with ZoomingADC?
XE8805 SEMTECH-XE8805 Datasheet
1Mb / 156P
Data Acquisition MCU
Rev 1 January 2006
XE8805A SEMTECH-XE8805A Datasheet
1Mb / 156P
Data Acquisition MCU
Rev 1 January 2006
XE8805AMI000 SEMTECH-XE8805AMI000 Datasheet
1Mb / 156P
Data Acquisition MCU
Rev 1 January 2006
More results


Similar Description - XE8802

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XE88LC01 ETC1-XE88LC01 Datasheet
880Kb / 36P
Sensing Machine 16 10 bit Data Acquisition Ultra Low-Power Microcontroller
XE88LC02 ETC1-XE88LC02 Datasheet
2Mb / 184P
Sensing Machine Data Acquisition MCU with 16 10 bit ZoomingADC and LCD driver
logo
Semtech Corporation
XE8805 SEMTECH-XE8805 Datasheet
1Mb / 156P
Data Acquisition MCU
Rev 1 January 2006
SX8723C SEMTECH-SX8723C Datasheet
1Mb / 67P
ZoomingADC for sensing data acquisition
SX8724C SEMTECH-SX8724C Datasheet
1Mb / 67P
ZoomingADC for sensing data acquisition
SX8725C SEMTECH-SX8725C Datasheet
1Mb / 68P
ZoomingADC for sensing data acquisition
SX8725S SEMTECH-SX8725S Datasheet
1Mb / 69P
ZoomingADC for sensing data acquisition ADVANCED COMMUNICATIONS & SENSING
SX8723S SEMTECH-SX8723S Datasheet
1Mb / 68P
ZoomingADC for sensing data acquisition
SX8724S SEMTECH-SX8724S Datasheet
1Mb / 69P
ZoomingADC for sensing data acquisition
SX8724CEVK SEMTECH-SX8724CEVK Datasheet
1Mb / 67P
ZoomingADC for sensing data acquisition
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com