Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK6217 Datasheet (PDF) - Sanyo Semicon Device

STK6217 Datasheet PDF - Sanyo Semicon Device
Part # STK6217
Download  STK6217 Download
File Size   266.5 Kbytes
Page   11 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Unidirectional DC Motor Driver with Constant-Speed Digital Servo Controller(output current:8A)?

STK6217 Datasheet (PDF)

Go To PDF Page Download Datasheet
STK6217 Datasheet PDF - Sanyo Semicon Device

Part # STK6217
Download  STK6217 Click to download

File Size   266.5 Kbytes
Page   11 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Unidirectional DC Motor Driver with Constant-Speed Digital Servo Controller(output current:8A)?

STK6217 Datasheet (HTML) - Sanyo Semicon Device


STK6217 Product details

Overview

The STK6217 is a hybrid IC that combines in a single package a unidirectional DC motor driver, a PLL constant-speed controller (the LC7991) and associated peripheral components, including a separately excited oscillator, a comparator, and an FG amplifier. The motor controller uses a PLL circuit for precise motor control.



Features



• High FG frequency upper limit (locking range: 200 to 2500 Hz)

• Built-in FG divider (FG lock upper limit with divider in use: 5000 Hz)

• Speed lock indicator output directly drives an external LED.

• TTL level compatible ROT input



• MOSFET power elements provide high output currents (rush current).

• Low-loss PWM speed controller (built-in externally excited oscillator: 25 kHz)

• Wide power supply voltage range (VDSS= 60 V)

• Built-in motor start-up overcurrent limiter function



Applications

• Plain paper copier DC motor drivers

• FAX paper transport motor drivers

• Other DC motor applications




Similar Part No. - STK6217

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK621-015 SANYO-STK621-015 Datasheet
358Kb / 9P
SANYO INVERTER POWER HYBRID MODULE SIP Full Molded Package
STK621-017 SANYO-STK621-017 Datasheet
295Kb / 8P
TENTATIVE
STK621-018 SANYO-STK621-018 Datasheet
293Kb / 8P
TENTATIVE
STK621-031 SANYO-STK621-031 Datasheet
340Kb / 10P
TENTATIVE
STK621-033N-E SANYO-STK621-033N-E Datasheet
83Kb / 8P
3-phase Inverter Motor Drive Inverter Hybrid IC
More results


Similar Description - STK6217

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33030 ONSEMI-MC33030 Datasheet
322Kb / 16P
DC SERVO MOTOR CONTROLLER/DRIVER
1996 REV 2
logo
Sanyo Semicon Device
LC7991 SANYO-LC7991 Datasheet
176Kb / 7P
Constant-Speed DC Motor Controller
LC7991M SANYO-LC7991M Datasheet
178Kb / 7P
Constant-Speed DC Motor Controller?
STK6215 SANYO-STK6215 Datasheet
270Kb / 11P
Unidirectional DC Motor Driver with Constant-Speed Digital Servo Controller(output current:5A)
STK6877 SANYO-STK6877 Datasheet
205Kb / 7P
Reversible Brush-Type DC Motor Driver (output current: 8A)?
logo
ON Semiconductor
MC33030 ONSEMI-MC33030_06 Datasheet
214Kb / 17P
DC Servo Motor Controller/Driver
June, 2006 ??Rev. 6
logo
STMicroelectronics
AN3151 STMICROELECTRONICS-AN3151 Datasheet
952Kb / 34P
Digital constant-current controller
24-Aug-2010
logo
Toshiba Semiconductor
TB9056FNG TOSHIBA-TB9056FNG Datasheet
778Kb / 45P
Automotive DC Servo Motor Driver
2017-08-09
logo
Diodes Incorporated
ZXBM5408Q DIODES-ZXBM5408Q Datasheet
1Mb / 16P
BRUSHED DC MOTOR DRIVER WITH SERVO CONTROL
September 2022 Rev. 2 - 2
ZXBM5409Q DIODES-ZXBM5409Q Datasheet
399Kb / 14P
BRUSHED DC MOTOR DRIVER WITH SERVO CONTROL
April 2019 Rev. 3 - 2
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com