Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDTCV140 Datasheet (PDF) - Integrated Device Technology

IDTCV140 Datasheet PDF - Integrated Device Technology
Part # IDTCV140
Download  IDTCV140 Download
File Size   227.06 Kbytes
Page   26 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description PROGRAMMABLE FLEXPC CLOCK FOR P4 PROCESSOR

IDTCV140 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDTCV140 Datasheet PDF - Integrated Device Technology

Part # IDTCV140
Download  IDTCV140 Click to download

File Size   227.06 Kbytes
Page   26 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description PROGRAMMABLE FLEXPC CLOCK FOR P4 PROCESSOR

IDTCV140 Datasheet (HTML) - Integrated Device Technology


IDTCV140 Product details

DESCRIPTION:
IDTCV140 is a 56 pin clock device, incorporating both Intel CK410M and CKSSCD requirements, for Intel advance P4 processors. The CPU output buffer is designed to support up to 400MHz processor. This chip has four PLLs inside for CPU, SRC/PCI, LVDS, and 48MHz/DOT96 IO clocks. This device also implements Band-gap referenced IREFto reduce the impact of VDDvariation on differential outputs, which can provide more robust system performance.
Static PLL frequency divide error can be as low as 36 ppm, worse case 114 ppm, providing high accuracy output clock. Each CPU/SRC/LVDS has its own Spread Spectrum selection.

FEATURES:
• Power management control suitable for notebook applications
• One high precision PLL for CPU, SSC and N programming
• One high precision PLL for SRC/PCI, supports 100MHz output frequency, SSC and N programming
• One high precision PLL for LVDS. Supports 100/96MHz output frequency, SSC programming
• One high precision PLL for 96MHz/48MHz
• Band-gap circuit for differential outputs
• Support spread spectrum modulation, –0.5 down spread and others
• Support SMBus block read/write, index read/write
• Selectable output strength for REF, 48MHz, PCI
• Allows for CPU frequency to change to a slower frequency to conserve power when an application is less executionintensive
• Smooth transition for N programming
• Available in TSSOP package




Similar Part No. - IDTCV140

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTCV141 IDT-IDTCV141 Datasheet
87Kb / 10P
1-TO-8 DIFFERENTIAL CLOCK BUFFER
IDTCV141PA IDT-IDTCV141PA Datasheet
87Kb / 10P
1-TO-8 DIFFERENTIAL CLOCK BUFFER
IDTCV141PAG IDT-IDTCV141PAG Datasheet
87Kb / 10P
1-TO-8 DIFFERENTIAL CLOCK BUFFER
IDTCV141PV IDT-IDTCV141PV Datasheet
87Kb / 10P
1-TO-8 DIFFERENTIAL CLOCK BUFFER
logo
Renesas Technology Corp
IDTCV142 RENESAS-IDTCV142 Datasheet
280Kb / 21P
PROGRAMMABLE FLEXPC CLOCK FOR P4 PROCESSOR
FEBRUARY 2005
More results


Similar Description - IDTCV140

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTCV123 IDT-IDTCV123 Datasheet
78Kb / 16P
PROGRAMMABLE FLEXPC CLOCK FOR P4 PROCESSOR
IDTCV125 IDT-IDTCV125 Datasheet
223Kb / 24P
PROGRAMMABLE FLEXPC CLOCK FOR P4 PROCESSOR
IDTCV115-2 IDT-IDTCV115-2 Datasheet
107Kb / 19P
PROGRAMMABLE FLEXPC??CLOCK FOR P4 PROCESSOR
IDTCV122C IDT-IDTCV122C Datasheet
183Kb / 19P
PROGRAMMABLE FLEXPC??CLOCK FOR P4 PROCESSOR
IDTCV144 IDT-IDTCV144 Datasheet
484Kb / 25P
PROGRAMMABLE FLEXPC CLOCK FOR P4 PROCESSOR
IDTCV152 IDT-IDTCV152 Datasheet
91Kb / 15P
PROGRAMMABLE FLEXPC CLOCK FOR P4 PROCESSOR
IDTCV122CPVG IDT-IDTCV122CPVG Datasheet
183Kb / 19P
PROGRAMMABLE FLEXPC??CLOCK FOR P4 PROCESSOR
logo
Renesas Technology Corp
IDTCV126 RENESAS-IDTCV126 Datasheet
260Kb / 17P
PROGRAMMABLE FLEXPC CLOCK FOR P4 PROCESSOR
JUNE 22, 2006
IDTCV142 RENESAS-IDTCV142 Datasheet
280Kb / 21P
PROGRAMMABLE FLEXPC CLOCK FOR P4 PROCESSOR
FEBRUARY 2005
IDTCV174C RENESAS-IDTCV174C Datasheet
277Kb / 22P
PROGRAMMABLE FLEXPC CLOCK FOR P4 PROCESSOR
MAY 2006
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com