Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA1386P Datasheet (PDF) - Sony Corporation

CXA1386P Datasheet PDF - Sony Corporation
Part # CXA1386P
Download  CXA1386P Download
File Size   539.15 Kbytes
Page   21 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 8-bit 75MSPS Flash A/D Converter

CXA1386P Datasheet (PDF)

Go To PDF Page Download Datasheet
CXA1386P Datasheet PDF - Sony Corporation

Part # CXA1386P
Download  CXA1386P Click to download

File Size   539.15 Kbytes
Page   21 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 8-bit 75MSPS Flash A/D Converter

CXA1386P Datasheet (HTML) - Sony Corporation


CXA1386P Product details

Description
The CXA1386P/K are 8-bit high-speed flash A/D converter ICs capable of digitizing analog signals at the maximum rate of 75MSPS. The digital I/O levels of these A/D converters are compatible with the ECL 100K/10KH/10K.
The CXA1386P/K is pin-compatible with the earlier models CXA1056P/K, CXA1016P/K, respectively. They can be replaced by the CXA1386P/K without any design changes, in most cases. Compared with the earlier models, these new models have been greatly improved in performance, by incorporating advanced process, new circuit design and carefully considered layout.

Features
• Differential linearity error: ±1/2LSB or less
• Integral linearity error: ±1/2LSB or less
• High-speed operation with maximum conversion rate of 75MSPS (Min.)
• Wide analog input bandwidth: 150MHz (Min. for full-scale input)
• Low Power consumption: 580mW (Typ.)
• Single power supply: –5.2V
• Low input capacitance: 17pF (Typ.)
• Built-in integral linearity conpensation circuit
• Low error rate
• Operable at 50% clock duty cycle
• Good temperature characteristics
• Capable of driving 50Ω loads

Applications
• Digital oscilloscopes
• HDTV (high-definition TVs)
• Other apparatus requiring high-speed A/D conversion




Similar Part No. - CXA1386P

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1389AQ SONY-CXA1389AQ Datasheet
339Kb / 8P
Cable Driver for Digital Transfer
More results


Similar Description - CXA1386P

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM6102P NPC-SM6102P Datasheet
189Kb / 6P
8-bit, Flash A/D Converter
logo
Sony Corporation
CXA3026AQ SONY-CXA3026AQ Datasheet
590Kb / 29P
8-bit 140MSPS Flash A/D Converter
CXA3026Q SONY-CXA3026Q Datasheet
594Kb / 30P
8-bit 120MSPS Flash A/D Converter
CXA3246Q SONY-CXA3246Q Datasheet
312Kb / 22P
8-bit 120MSPS Flash A/D Converter
CXA3256R SONY-CXA3256R Datasheet
331Kb / 23P
8-bit 120MSPS Flash A/D Converter
CXA3286R SONY-CXA3286R Datasheet
331Kb / 23P
8-bit 160MSPS Flash A/D Converter
logo
Intersil Corporation
HI5675 INTERSIL-HI5675 Datasheet
93Kb / 10P
8-Bit, 20MSPS, Flash A/D Converter
April 1999
HI3276 INTERSIL-HI3276_01 Datasheet
680Kb / 16P
8-Bit, 160MSPS, Flash A/D Converter
November 2001
logo
Murata Power Solutions ...
ADC-301 MURATA-PS-ADC-301 Datasheet
1Mb / 4P
8-Bit Video Flash A/D Converter
logo
Renesas Technology Corp
HI567 RENESAS-HI567 Datasheet
572Kb / 10P
8-Bit, 20MSPS, Flash A/D Converter
March 2003
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com