Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA3276Q Datasheet (PDF) - Sony Corporation

CXA3276Q Datasheet PDF - Sony Corporation
Part # CXA3276Q
Download  CXA3276Q Download
File Size   312.29 Kbytes
Page   22 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 8-bit 160MSPS Flash A/D Converter

CXA3276Q Datasheet (PDF)

Go To PDF Page Download Datasheet
CXA3276Q Datasheet PDF - Sony Corporation

Part # CXA3276Q
Download  CXA3276Q Click to download

File Size   312.29 Kbytes
Page   22 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 8-bit 160MSPS Flash A/D Converter

CXA3276Q Datasheet (HTML) - Sony Corporation


CXA3276Q Product details

Description
The CXA3276Q is an 8-bit high-speed flash A/D converter capable of digitizing analog signals at the maximum rate of 160MSPS. ECL, PECL or TTL can be selected as the digital input level in accordance with the application. The TTL digital output level allows 1:2 demultiplexed output.

Features
• Differential linearity error: ±0.5LSB or less
• Integral linearity error: ±0.5LSB or less
• Maximum conversion rate of 160MSPS
• Low input capacitance: 10pF
• Wide analog input bandwidth: 250MHz
• Low power consumption: 550mW
• 1:2 demultiplexed output
• 1/2 frequency-divided clock output (with reset function)
• Compatible with ECL, PECL and TTL digital input levels
• TTL output "H" levels: 2.8V (Typ.)
• +3.3V line CMOS IC direct connecting available
• Single +5V power supply operation available
• Surface mounting package (48-pin QFP)

Applications
• LCD monitors
• LCD projectors




Similar Part No. - CXA3276Q

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3271GE SONY-CXA3271GE Datasheet
180Kb / 17P
Fingerprint Sensor
CXA3272R SONY-CXA3272R Datasheet
98Kb / 2P
CXA3272R
CXA3275Q SONY-CXA3275Q Datasheet
201Kb / 22P
PLL/OSC/MIX IC for Digital Tuner
More results


Similar Description - CXA3276Q

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM6102P NPC-SM6102P Datasheet
189Kb / 6P
8-bit, Flash A/D Converter
logo
Sony Corporation
CX20201A-1 SONY-CX20201A-1 Datasheet
319Kb / 13P
10/9/8-BIT 160MSPS D/A CONVERTER
CXA3026Q SONY-CXA3026Q Datasheet
594Kb / 30P
8-bit 120MSPS Flash A/D Converter
CXA3246Q SONY-CXA3246Q Datasheet
312Kb / 22P
8-bit 120MSPS Flash A/D Converter
CXA3286R SONY-CXA3286R Datasheet
331Kb / 23P
8-bit 160MSPS Flash A/D Converter
logo
Intersil Corporation
HI3276 INTERSIL-HI3276 Datasheet
228Kb / 16P
8-Bit, 160MSPS, Flash A/D Converter
June 1999
HI3286 INTERSIL-HI3286 Datasheet
229Kb / 16P
8-Bit, 160MSPS, Flash A/D Converter
June 1999
HI5675 INTERSIL-HI5675 Datasheet
93Kb / 10P
8-Bit, 20MSPS, Flash A/D Converter
April 1999
HI3276 INTERSIL-HI3276_01 Datasheet
680Kb / 16P
8-Bit, 160MSPS, Flash A/D Converter
November 2001
logo
Murata Power Solutions ...
ADC-301 MURATA-PS-ADC-301 Datasheet
1Mb / 4P
8-Bit Video Flash A/D Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com