Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI3276 Datasheet (PDF) - Intersil Corporation

HI3276 Datasheet PDF - Intersil Corporation
Part # HI3276
Download  HI3276 Download
File Size   228.0 Kbytes
Page   16 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 8-Bit, 160MSPS, Flash A/D Converter

HI3276 Datasheet (PDF)

Go To PDF Page Download Datasheet
HI3276 Datasheet PDF - Intersil Corporation

Part # HI3276
Download  HI3276 Click to download

File Size   228.0 Kbytes
Page   16 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 8-Bit, 160MSPS, Flash A/D Converter

HI3276 Datasheet (HTML) - Intersil Corporation


HI3276 Product details

The HI3276 is an 8-bit, high-speed, flash analog-to-digital converter optimized for high speed, low power, and ease of use. With a 160MSPS encode rate capability and full-power analog bandwidth of 250MHz, this component is ideal for applications requiring the highest possible dynamic performance.

Features
• Differential Linearity Error. . . . . . . . . . . . . . . . . . ±0.5 LSB
• Integral Linearity Error . . . . . . . . . . . . . . . . . . . . ±0.5 LSB
• Low Input Capacitance. . . . . . . . . . . . . . . . . . . . . . . 10pF
• Wide Analog Input Bandwidth . . . . . . . . . . . . . . . 250MHz
• Low Power Consumption . . . . . . . . . . . . . . . . . . . 550mW
• 1:2 Demultiplexed Output Pin
• Internal 1/2 Frequency Divider Circuit (w/Reset Function)
• CLK/2 Clock Output
• Compatible with PECL, ECL and TTL Digital Input Levels
• Direct Replacement for Sony CXA3276Q

Applications
• LCD/PDP Monitors and Projectors (RGB Video)
• Digital Oscilloscopes
• Digital Communications (QPSK, QAM)
• Magnetic Recording (PRML)




Similar Part No. - HI3276

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI3276 INTERSIL-HI3276 Datasheet
680Kb / 16P
8-Bit, 160MSPS, Flash A/D Converter
November 2001
HI3276JCQ INTERSIL-HI3276JCQ Datasheet
680Kb / 16P
8-Bit, 160MSPS, Flash A/D Converter
November 2001
HI3276 INTERSIL-HI3276_01 Datasheet
680Kb / 16P
8-Bit, 160MSPS, Flash A/D Converter
November 2001
More results


Similar Description - HI3276

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM6102P NPC-SM6102P Datasheet
189Kb / 6P
8-bit, Flash A/D Converter
logo
Sony Corporation
CX20201A-1 SONY-CX20201A-1 Datasheet
319Kb / 13P
10/9/8-BIT 160MSPS D/A CONVERTER
CXA3026Q SONY-CXA3026Q Datasheet
594Kb / 30P
8-bit 120MSPS Flash A/D Converter
CXA3246Q SONY-CXA3246Q Datasheet
312Kb / 22P
8-bit 120MSPS Flash A/D Converter
CXA3276Q SONY-CXA3276Q Datasheet
312Kb / 22P
8-bit 160MSPS Flash A/D Converter
CXA3286R SONY-CXA3286R Datasheet
331Kb / 23P
8-bit 160MSPS Flash A/D Converter
logo
Intersil Corporation
HI3286 INTERSIL-HI3286 Datasheet
229Kb / 16P
8-Bit, 160MSPS, Flash A/D Converter
June 1999
HI5675 INTERSIL-HI5675 Datasheet
93Kb / 10P
8-Bit, 20MSPS, Flash A/D Converter
April 1999
HI3276 INTERSIL-HI3276_01 Datasheet
680Kb / 16P
8-Bit, 160MSPS, Flash A/D Converter
November 2001
logo
Murata Power Solutions ...
ADC-301 MURATA-PS-ADC-301 Datasheet
1Mb / 4P
8-Bit Video Flash A/D Converter
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com