Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXG1130AER Datasheet (PDF) - Sony Corporation

CXG1130AER Datasheet PDF - Sony Corporation
Part # CXG1130AER
Download  CXG1130AER Download
File Size   125.85 Kbytes
Page   8 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Triple Low Noise Amplifier/Dual Mixer

CXG1130AER Datasheet (PDF)

Go To PDF Page Download Datasheet
CXG1130AER Datasheet PDF - Sony Corporation

Part # CXG1130AER
Download  CXG1130AER Click to download

File Size   125.85 Kbytes
Page   8 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Triple Low Noise Amplifier/Dual Mixer

CXG1130AER Datasheet (HTML) - Sony Corporation


CXG1130AER Product details

Description
The CXG1130AER is a triple low noise amplifier/dual mixer. This IC is designed using the Sony’s GaAs J-FET process.

Features
• Single 3V power supply operation
• 2-pin control by the on-chip logic circuit
• High gain: Gp = 16.5dB (LNA typ.)
                    Gc = 10dB (MIX typ.)
• Low noise figure: NF = 1.5 to 1.6dB (LNA typ.)
                               NF = 4.5dB (MIX typ.)
• Low LO input power operation
• 24-pin VQFN small package

Applications
    800MHz/1.5GHz Japan digital cellular phones (PDC)




Similar Part No. - CXG1130AER

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXG1131ER SONY-CXG1131ER Datasheet
72Kb / 7P
High Power 3 횞 5 Antenna Switch MMIC with Integrated Control Logic
CXG1134AEN SONY-CXG1134AEN Datasheet
120Kb / 4P
High Power SPDT Switch with Logic Control
CXG1134EN SONY-CXG1134EN Datasheet
43Kb / 4P
High Power SPDT Switch with Logic Control
More results


Similar Description - CXG1130AER

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2411 RFMD-RF2411 Datasheet
260Kb / 14P
LOW NOISE AMPLIFIER/MIXER
RF2492 RFMD-RF2492 Datasheet
483Kb / 22P
DUAL-BAND LOW NOISE AMPLIFIER/MIXER
logo
Sony Corporation
CXG1082EN SONY-CXG1082EN Datasheet
133Kb / 9P
Receive Dual Low Noise Amplifier/Mixer
logo
Intersil Corporation
HFA3600 INTERSIL-HFA3600 Datasheet
430Kb / 16P
Low-Noise Amplifier/Mixer
May 1999
logo
Sony Corporation
CXG1109EN SONY-CXG1109EN Datasheet
127Kb / 9P
Receive Dual Low Noise Amplifier/Mixer
logo
Intersil Corporation
HFA3600 INTERSIL-HFA3600_02 Datasheet
543Kb / 16P
Low-Noise Amplifier/Mixer
August 2002
logo
RF Micro Devices
RF2411 RFMD-RF2411_06 Datasheet
333Kb / 14P
LOW NOISE AMPLIFIER/MIXER
RF2411 RFMD-RF2411_1 Datasheet
441Kb / 14P
LOW NOISE AMPLIFIER/MIXER
RF2411 RFMD-RF2411_15 Datasheet
1Mb / 12P
LOW NOISE AMPLIFIER/MIXER
logo
Renesas Technology Corp
HFA3600 RENESAS-HFA3600 Datasheet
861Kb / 16P
Low-Noise Amplifier/Mixer
August 2002
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com