Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-7560 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

HCPL-7560 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # HCPL-7560
Download  HCPL-7560 Download
File Size   379.43 Kbytes
Page   18 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Optically Isolated Sigma-Delta (誇-?) Modulator

HCPL-7560 Datasheet (PDF)

Go To PDF Page Download Datasheet
HCPL-7560 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-7560
Download  HCPL-7560 Click to download

File Size   379.43 Kbytes
Page   18 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Optically Isolated Sigma-Delta (誇-?) Modulator

HCPL-7560 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


HCPL-7560 Product details

Description
The HCPL-7560 Optically Isolated Modulator and HCPL-0872 Digital Interface IC or digital filter together form an isolated programmable two-chip analog-to-digital converter. The isolated modulator allows direct measurement of motor phase currents in power inverters.

Features
• 8-bit Linearity
• 200 ns Conversion Time (Pre-Trigger Mode 2 with HCPL-0872)
• 8-bit Effective Resolution with 5µs Signal Delay (14-bit with 102 µs) (with HCPL-0872)
• Fast 3 µs Over-Range Detection (with HCPL-0872)
• ± 200 mV Input Range with Single 5 V Supply
• 5% Internal Reference Voltage Matching
• Offset Calibration (with HCPL-0872)
• -40°C to +85°C Operating Temperature Range
• 15 kV/µs Isolation Transient Immunity
• Safety Approval: UL 1577, CSA and IEC/EN/DIN EN 60747-5-2

Applications
• Motor Phase and Rail Current Sensing
• Data Acquisition Systems
• Industrial Process Control
• Inverter Current Sensing
• General Purpose Current Sensing and Monitoring




Similar Part No. - HCPL-7560

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-7560 HP-HCPL-7560 Datasheet
150Kb / 18P
Optically Isolated Sigma-Delta Modulator
HCPL-7560-060 HP-HCPL-7560-060 Datasheet
150Kb / 18P
Optically Isolated Sigma-Delta Modulator
HCPL-7560-060E HP-HCPL-7560-060E Datasheet
150Kb / 18P
Optically Isolated Sigma-Delta Modulator
HCPL-7560-300 HP-HCPL-7560-300 Datasheet
150Kb / 18P
Optically Isolated Sigma-Delta Modulator
HCPL-7560-300E HP-HCPL-7560-300E Datasheet
150Kb / 18P
Optically Isolated Sigma-Delta Modulator
More results


Similar Description - HCPL-7560

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-7560 HP-HCPL-7560 Datasheet
150Kb / 18P
Optically Isolated Sigma-Delta Modulator
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-7970-500E AVAGO-ACPL-7970-500E Datasheet
651Kb / 18P
Optically Isolated Sigma-Delta Modulator
ACPL-796J-560E AVAGO-ACPL-796J-560E Datasheet
209Kb / 16P
Optically Isolated Sigma-Delta Modulator
logo
Renesas Technology Corp
PS9551AL4 RENESAS-PS9551AL4_15 Datasheet
855Kb / 20P
Optically Isolated Delta-Sigma Modulator
logo
California Eastern Labs
PS9551AL4 CEL-PS9551AL4 Datasheet
3Mb / 20P
Optically Isolated Delta-Sigma Modulator
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-C797 AVAGO-ACPL-C797 Datasheet
643Kb / 16P
Optically Isolated Sigma-Delta Modulator
logo
Broadcom Corporation.
ACPL-C797 BOARDCOM-ACPL-C797 Datasheet
1Mb / 18P
Optically Isolated Sigma-Delta Modulator
ACPL-C740 BOARDCOM-ACPL-C740 Datasheet
1Mb / 19P
Optically Isolated Sigma-Delta Modulator
logo
Renesas Technology Corp
PS9551AL4 RENESAS-PS9551AL4 Datasheet
854Kb / 20P
Optically Isolated Delta-Sigma Modulator
Mar 20, 2014
RV1S9353A RENESAS-RV1S9353A Datasheet
1Mb / 20P
Optically Isolated Delta-Sigma Modulator
Mar 23, 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com