Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADR421 Datasheet (PDF) - Analog Devices

ADR421 Datasheet PDF - Analog Devices
Part # ADR421
Download  ADR421 Download
File Size   247.17 Kbytes
Page   5 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Software-Calibrated, 1 MHz to 8 GHz, 60 dB RF Power Measurement System Using a Logarithmic Detector

ADR421 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADR421 Datasheet PDF - Analog Devices

Part # ADR421
Download  ADR421 Click to download

File Size   247.17 Kbytes
Page   5 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Software-Calibrated, 1 MHz to 8 GHz, 60 dB RF Power Measurement System Using a Logarithmic Detector

ADR421 Datasheet (HTML) - Analog Devices




Similar Part No. - ADR421

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR421 AD-ADR421 Datasheet
223Kb / 16P
Ultraprecision Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET Voltage References
03/02-Data Sheet changed from REV. A to REV. B.
ADR421 AD-ADR421 Datasheet
924Kb / 24P
Dual, Current-Output, Serial-Input, 16-/14-Bit DACs
Rev. G
ADR421 AD-ADR421 Datasheet
1Mb / 20P
Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with Four-Quadrant Resistors
REV. D
ADR421 AD-ADR421 Datasheet
3Mb / 21P
Precision, Micropower, High Current Output Voltage Reference
Rev. 0
ADR421 AD-ADR421 Datasheet
3Mb / 26P
Precision, Micropower, High Current Output Voltage References
Rev. A
More results


Similar Description - ADR421

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8318 AD-AD8318 Datasheet
2Mb / 24P
1 MHz - 8 GHz, 60 dB Logarithmic Detector/Controller
7/04-Revision 0
AD8318 AD-AD8318_06 Datasheet
1Mb / 24P
1 MHz to 8 GHz, 60 dB Logarithmic Detector/Controller
1/06-Rev. 0 to Rev. A
logo
Hittite Microwave Corpo...
HMC611LP4 HITTITE-HMC611LP4 Datasheet
666Kb / 10P
60 dB, LOGARITHMIC DETECTOR / CONTROLLER, 1 - 10000 MHz
logo
Analog Devices
AD8318 AD-AD8318_07 Datasheet
1Mb / 24P
1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
REV. B
logo
Hittite Microwave Corpo...
HMC611 HITTITE-HMC611 Datasheet
515Kb / 10P
60 dB, LOGARITHMIC DETECTOR / CONTROLLER, 1 - 10000 MHz
HMC611 HITTITE-HMC611_10 Datasheet
586Kb / 12P
60 dB, LOGARITHMIC DETECTOR / CONTROLLER, 1 - 10000 MHz
HMC611LP4 HITTITE-HMC611LP4_09 Datasheet
362Kb / 10P
60 dB, LOGARITHMIC DETECTOR / CONTROLLER, 1 - 10000 MHz
logo
Analog Devices
CN-0178 AD-CN-0178 Datasheet
160Kb / 5P
Software-Calibrated, 50 MHz to 9 GHz, RF Power Measurement System
REV. A
AD8318-EP AD-AD8318-EP_15 Datasheet
435Kb / 12P
1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
REV. 0
AD8318 AD-AD8318_15 Datasheet
1Mb / 24P
1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com