Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADR421 Datasheet(PDF) 1 Page - Analog Devices

Part # ADR421
Description  Software-Calibrated, 1 MHz to 8 GHz, 60 dB RF Power Measurement System Using a Logarithmic Detector
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR421 Datasheet(HTML) 1 Page - Analog Devices

  ADR421 Datasheet HTML 1Page - Analog Devices ADR421 Datasheet HTML 2Page - Analog Devices ADR421 Datasheet HTML 3Page - Analog Devices ADR421 Datasheet HTML 4Page - Analog Devices ADR421 Datasheet HTML 5Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Circuit Note
CN-0150
Devices Connected/Referenced
AD8318
1 MHz to 8 GHz, 70 dB, Logarithmic
Detector/Controller
AD7887
2.7 V to 5.25 V, Micropower, 2-Channel,
125 kSPS, 12-Bit ADC in 8-Lead MSOP
Circuits from the Lab™ reference circuits are engineered and
tested for quick and easy system integration to help solve today’s
analog, mixed-signal, and RF design challenges. For more
information and/or support, visit www.analog.com/CN0150.
ADR421
Precision, Low Noise, 2.5 V Reference
Software-Calibrated, 1 MHz to 8 GHz, 60 dB RF Power
Measurement System Using a Logarithmic Detector
Rev. C
Circuits from the Lab™ circuits from Analog Devices have been designed and built by Analog Devices
engineers. Standard engineering practices have been employed in the design and construction of
eachcircuit,andtheirfunctionandperformancehavebeentestedandverifiedinalabenvironmentat
room temperature. However, you are solely responsible for testing the circuit and determining its
suitabilityandapplicabilityforyouruseandapplication.Accordingly,innoeventshallAnalogDevices
be liable for direct, indirect, special, incidental, consequential or punitive damages due to any cause
whatsoeverconnectedtotheuseofanyCircuitsfromtheLabcircuits. (Continuedonlastpage)
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2010–2012 Analog Devices, Inc. All rights reserved.
EVALUATION AND DESIGN SUPPORT
Circuit Evaluation Boards
CN-0150 Circuit Evaluation Board (EVAL-CN0150A-SDPZ)
System Demonstration Platform (EVAL-SDP-CB1Z)
Design and Integration Files
Schematics, Layout Files, Bill of Materials
CIRCUIT FUNCTION AND BENEFITS
This circuit measures RF power at any frequency from
1 MHz to 8 GHz over a range of approximately 60 dB. The
measurement result is provided as a digital code at the output of
a 12-bit ADC with serial interface and integrated reference. The
output of the RF detector has a glueless interface to the ADC and
uses most of the ADC’s input range without further adjustment.
A simple two-point system calibration is performed in the
digital domain.
The AD8318 maintains accurate log conformance for signals of
1 MHz to 6 GHz and provides useful operation to 8 GHz.
The device provides a typical output voltage temperature
stability of ±0.5 dB.
The AD7887 ADC can be configured for either dual or single
channel operation via the on-chip control register. There is a
default single-channel mode that allows the AD7887 to be operated
as a read-only ADC, thereby simplifying the control logic.
Typical data is shown for the two devices operating over a
−40°C to +85°C temperature range.
12
CMIP
11
CMIP
10
TADJ
9
VPSO
1
CMIP
2
CMIP
3
VPSI
4
VPSI
13
TEMP
8
CMOP
14
INHI
7
VSET
15
INLO
6
VOUT
16
ENBL
5
CLPF
AD8318
C7
100pF
C9
0.1µF
C8
0.1µF
VPOS
C1 1nF
C2 1nF
R4
499Ω
C6
100pF
C5
0.1µF
+5V
VPOS
R1
52.3Ω
RFIN
DOUT
DIN
SCLK
CS
AIN0
AIN1/
VREF
GND
0.1µF
10µF
SERIAL
INTERFACE
VDD
AD7887
µC/µP
0.1µF
VOUT
SEE
TEXT
PULSED RF
INPUT
Figure 1. Software-Calibrated RF Measurement System (Simplified Schematic: All Connections Not Shown)


Similar Part No. - ADR421

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR421 AD-ADR421 Datasheet
223Kb / 16P
Ultraprecision Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET Voltage References
03/02-Data Sheet changed from REV. A to REV. B.
ADR421 AD-ADR421 Datasheet
924Kb / 24P
Dual, Current-Output, Serial-Input, 16-/14-Bit DACs
Rev. G
ADR421 AD-ADR421 Datasheet
1Mb / 20P
Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with Four-Quadrant Resistors
REV. D
ADR421 AD-ADR421 Datasheet
3Mb / 21P
Precision, Micropower, High Current Output Voltage Reference
Rev. 0
ADR421 AD-ADR421 Datasheet
3Mb / 26P
Precision, Micropower, High Current Output Voltage References
Rev. A
More results

Similar Description - ADR421

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8318 AD-AD8318 Datasheet
2Mb / 24P
1 MHz - 8 GHz, 60 dB Logarithmic Detector/Controller
7/04-Revision 0
AD8318 AD-AD8318_06 Datasheet
1Mb / 24P
1 MHz to 8 GHz, 60 dB Logarithmic Detector/Controller
1/06-Rev. 0 to Rev. A
logo
Hittite Microwave Corpo...
HMC611LP4 HITTITE-HMC611LP4 Datasheet
666Kb / 10P
60 dB, LOGARITHMIC DETECTOR / CONTROLLER, 1 - 10000 MHz
logo
Analog Devices
AD8318 AD-AD8318_07 Datasheet
1Mb / 24P
1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
REV. B
logo
Hittite Microwave Corpo...
HMC611 HITTITE-HMC611 Datasheet
515Kb / 10P
60 dB, LOGARITHMIC DETECTOR / CONTROLLER, 1 - 10000 MHz
HMC611 HITTITE-HMC611_10 Datasheet
586Kb / 12P
60 dB, LOGARITHMIC DETECTOR / CONTROLLER, 1 - 10000 MHz
HMC611LP4 HITTITE-HMC611LP4_09 Datasheet
362Kb / 10P
60 dB, LOGARITHMIC DETECTOR / CONTROLLER, 1 - 10000 MHz
logo
Analog Devices
CN-0178 AD-CN-0178 Datasheet
160Kb / 5P
Software-Calibrated, 50 MHz to 9 GHz, RF Power Measurement System
REV. A
AD8318-EP AD-AD8318-EP_15 Datasheet
435Kb / 12P
1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
REV. 0
AD8318 AD-AD8318_15 Datasheet
1Mb / 24P
1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
REV. B
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com