Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADR421 Datasheet(PDF) 3 Page - Analog Devices

Part # ADR421
Description  Software-Calibrated, 1 MHz to 8 GHz, 60 dB RF Power Measurement System Using a Logarithmic Detector
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR421 Datasheet(HTML) 3 Page - Analog Devices

  ADR421 Datasheet HTML 1Page - Analog Devices ADR421 Datasheet HTML 2Page - Analog Devices ADR421 Datasheet HTML 3Page - Analog Devices ADR421 Datasheet HTML 4Page - Analog Devices ADR421 Datasheet HTML 5Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Circuit Note
CN-0150
Rev. C | Page 3 of 5
4.0k
3.5k
3.0k
2.5k
2.0k
1.5k
1.0k
0.5k
0
4
3
2
1
0
–1
–2
–3
–4
–70
–60
–50
–40
–30
–20
–10
0
10
INPUT POWER (dBm)
+25°C CODE
–40°C CODE
+85°C CODE
+25°C ERROR
–40°C ERROR
+85°C ERROR
Figure 4. Input = 900 MHz, ADC Using an External 2.5 V Reference
4.0k
3.5k
3.0k
2.5k
2.0k
1.5k
1.0k
0.5k
0
4
3
2
1
0
–1
–2
–3
–4
–70
–60
–50
–40
–30
–20
–10
0
10
INPUT POWER (dBm)
+25°C CODE
–40°C CODE
+85°C CODE
+25°C ERROR
–40°C ERROR
+85°C ERROR
Figure 5. Input = 1.9 GHz, ADC Using an Internal 2.5 V Reference
4.0k
3.5k
3.0k
2.5k
2.0k
1.5k
1.0k
0.5k
0
4
3
2
1
0
–1
–2
–3
–4
–70
–60
–50
–40
–30
–20
–10
0
10
INPUT POWER (dBm)
+25°C CODE
–40°C CODE
+85°C CODE
+25°C ERROR
–40°C ERROR
+85°C ERROR
Figure 6. Input = 1.9 GHz, ADC Using an External 2.5 V Reference
4.0k
3.5k
3.0k
2.5k
2.0k
1.5k
1.0k
0.5k
0
4
3
2
1
0
–1
–2
–3
–4
–70
–60
–50
–40
–30
–20
–10
0
10
INPUT POWER (dBm)
+25°C CODE
–40°C CODE
+85°C CODE
+25°C ERROR
–40°C ERROR
+85°C ERROR
Figure 7. Input = 2.2 GHz, ADC Using an Internal 2.5 V Reference
4.0k
3.5k
3.0k
2.5k
2.0k
1.5k
1.0k
0.5k
0
4
3
2
1
0
–1
–2
–3
–4
–70
–60
–50
–40
–30
–20
–10
0
10
INPUT POWER (dBm)
+25°C CODE
–40°C CODE
+85°C CODE
+25°C ERROR
–40°C ERROR
+85°C ERROR
Figure 8. Input = 2.2 GHz, ADC Using an External 2.5 V Reference
COMMON VARIATIONS
The AD7887 is a 2-channel, 12-bit ADC with an SPI interface.
The second input channel of this device can be connected to the
AD8318 TEMP pin. This provides a convenient measure of the
ambient temperature around the AD8318. Like the AD8318
power measurement output, the TEMP voltage output should
also be calibrated.
If the end application requires only a single channel, the 12-bit
AD7495 can be used. In multichannel applications that require
multiple ADCs and DAC channels, the AD7294 can be used.
In addition to providing four 12-bit DAC outputs, this subsystem
chip includes four uncommitted ADC channels, two high-side
current sense inputs, and three temperature sensors. Current
and temperature measurements are digitally converted and
available to read over the I2C-compatible interface.
The temperature stability of the circuit can be improved using an
external ADC reference. The AD7887 internal 2.5 V reference has
a 50 ppm/°C drift, which is approximately 15 mV over a 125°C
range. Because the detector has a slope of −24 mV/dB, the ADC
reference drift contributes approximately ±0.3 dB to the temperature
drift error budget. The AD8318 temperature drift is approximately
±0.5 dB over a similar temperature range. (This varies with
frequency. See the AD8318 data sheet for more details.)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com