Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL2140CS Datasheet (PDF) - Elantec Semiconductor

EL2140CS Datasheet PDF - Elantec Semiconductor
Part # EL2140CS
Download  EL2140CS Download
File Size   219.33 Kbytes
Page   12 Pages
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Description 150 MHz Differential Twisted Pair Driver

EL2140CS Datasheet (PDF)

Go To PDF Page Download Datasheet
EL2140CS Datasheet PDF - Elantec Semiconductor

Part # EL2140CS
Download  EL2140CS Click to download

File Size   219.33 Kbytes
Page   12 Pages
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Description 150 MHz Differential Twisted Pair Driver

EL2140CS Datasheet (HTML) - Elantec Semiconductor


EL2140CS Product details

General Description
The EL2140C/2141C is a very high bandwidth amplifier whose output is in differential form, and is thus primarily targeted for applications such as driving twisted pair lines, or any application where common mode injection is likely to occur. The input signal can be in either single-ended or differential form, but the output is always in differential form.
On the EL2141C, two feedback inputs provide the user with the ability to set the device gain, (stable at minimum gain of two), whereas the EL2140C comes with a fixed gain of two.
The output common mode level is set by the reference pin (VREF), which has a -3 dB bandwidth of over 100 MHz. Generally, this pin is grounded, but it can be tied to any voltage reference.

Features
• Fully differential inputs, outputs, and feedback
• Differential input range ±2.3V
• 150 MHz 3 dB bandwidth
• 800 V/ms slew rate
• -55 dB distortion at 3 MHz
• -75 dB distortion at 100 kHz
• ±5V supplies or a6V single supply
• 50 mA minimum output current
• Output swing (200Ω load) to within 1.5V of supplies
   (14V pk-pk differential)
• Low power-11 mA typical supply current

Applications
• Twisted pair driver
• Differential line driver
• VGA over twisted pair
• ADSL/HDSL driver
• Single ended to differential amplification
• Transmission of analog signals in a noisy environment




Similar Part No. - EL2140CS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2141 INTERSIL-EL2141 Datasheet
270Kb / 6P
150MHz Differential Twisted Pair Driver
February 11, 2005
logo
Renesas Technology Corp
EL2141 RENESAS-EL2141 Datasheet
469Kb / 6P
150MHz Differential Twisted Pair Driver
logo
Intersil Corporation
EL2141CS INTERSIL-EL2141CS Datasheet
270Kb / 6P
150MHz Differential Twisted Pair Driver
February 11, 2005
logo
Renesas Technology Corp
EL2141CS RENESAS-EL2141CS Datasheet
469Kb / 6P
150MHz Differential Twisted Pair Driver
logo
Intersil Corporation
EL2141CS-T13 INTERSIL-EL2141CS-T13 Datasheet
270Kb / 6P
150MHz Differential Twisted Pair Driver
February 11, 2005
More results


Similar Description - EL2140CS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2141 INTERSIL-EL2141 Datasheet
270Kb / 6P
150MHz Differential Twisted Pair Driver
February 11, 2005
EL5173 INTERSIL-EL5173_06 Datasheet
694Kb / 14P
450MHz Differential Twisted-Pair Drivers
January 25, 2006
EL5177 INTERSIL-EL5177_05 Datasheet
423Kb / 11P
550MHz Differential Twisted-Pair Driver
August 8, 2005
EL5177 INTERSIL-EL5177_07 Datasheet
269Kb / 11P
550MHz Differential Twisted-Pair Driver
May 10, 2007
EL5173 INTERSIL-EL5173_08 Datasheet
371Kb / 15P
450MHz Differential Twisted-Pair Drivers
February 4, 2008
EL5177 INTERSIL-EL5177 Datasheet
441Kb / 11P
550MHz Differential Twisted-Pair Driver
September 14, 2010
EL5176 INTERSIL-EL5176 Datasheet
360Kb / 11P
250MHz Differential Twisted-Pair Driver
logo
Renesas Technology Corp
EL2141 RENESAS-EL2141 Datasheet
469Kb / 6P
150MHz Differential Twisted Pair Driver
EL5176 RENESAS-EL5176 Datasheet
634Kb / 12P
250MHz Differential Twisted-Pair Driver
EL5177 RENESAS-EL5177 Datasheet
644Kb / 12P
550MHz Differential Twisted-Pair Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com