Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL2140CS Datasheet(PDF) 3 Page - Elantec Semiconductor

Part # EL2140CS
Description  150 MHz Differential Twisted Pair Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2140CS Datasheet(HTML) 3 Page - Elantec Semiconductor

  EL2140CS Datasheet HTML 1Page - Elantec Semiconductor EL2140CS Datasheet HTML 2Page - Elantec Semiconductor EL2140CS Datasheet HTML 3Page - Elantec Semiconductor EL2140CS Datasheet HTML 4Page - Elantec Semiconductor EL2140CS Datasheet HTML 5Page - Elantec Semiconductor EL2140CS Datasheet HTML 6Page - Elantec Semiconductor EL2140CS Datasheet HTML 7Page - Elantec Semiconductor EL2140CS Datasheet HTML 8Page - Elantec Semiconductor EL2140CS Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
EL2140C2141C
150 MHz Differential Twisted Pair Driver
AC Electrical Characteristics
VCC ea5V VEE eb5V TA e 25 C VIN e 0V RLOAD e 200 unless otherwise specified
Parameter
Description
Min
Typ
Max
Test
Units
Level
BW(b3 dB)
b
3 dB Bandwidth (EL2140C and EL2141C
gain of 2)
150
V
MHz
SR
Differential Slewrate
800
V
V
ms
Tstl
Settling Time to 1%
15
V
ns
GBW
Gain Bandwidth Product
400
V
MHz
VREFBW(b3 dB)
VREF b3 dB Bandwidth
130
V
MHz
VREFSR
VREF Slewrate
100
V
V
ms
THDf1
Distortion at 100 kHz (Note 1)
b
75
V
dB
dP
Differential Phase
358 MHz
016
V
dG
Differential Gain
358 MHz
024
V
%
Note 1 Distortion measurement quoted for VOUT–VOUTB e 12V pk-pk RLOAD e 200X Vgain e 8
Pin Description
Pin No
Pin Name
Function
EL2140C
EL2141C
12
VIN
Non-inverting Input
3VINB
Inverting Input (EL2140C only)
1
FBP
Non-inverting Feedback Input Resistor R1 must be Connected from this Pin to VOUT
(EL2141C only)
4
FBN
Inverting Feedback Input Resistor R3 must be Connected from this pin to VOUTB
(EL2141C only)
43
VREF
Output Common-mode Control The Common-mode Voltage of VOUT and VOUTB will
Follow the Voltage on this Pin Note that on the EL2141 this pin is also the VINB pin
55
VOUTB
Inverting Output
66
VCC
Positive Supply
77
VEE
Negative Supply
88
VOUT
Non-inverting Output
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com