Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL2140CS Datasheet(PDF) 2 Page - Elantec Semiconductor

Part # EL2140CS
Description  150 MHz Differential Twisted Pair Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2140CS Datasheet(HTML) 2 Page - Elantec Semiconductor

  EL2140CS Datasheet HTML 1Page - Elantec Semiconductor EL2140CS Datasheet HTML 2Page - Elantec Semiconductor EL2140CS Datasheet HTML 3Page - Elantec Semiconductor EL2140CS Datasheet HTML 4Page - Elantec Semiconductor EL2140CS Datasheet HTML 5Page - Elantec Semiconductor EL2140CS Datasheet HTML 6Page - Elantec Semiconductor EL2140CS Datasheet HTML 7Page - Elantec Semiconductor EL2140CS Datasheet HTML 8Page - Elantec Semiconductor EL2140CS Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
EL2140C2141C
150 MHz Differential Twisted Pair Driver
Absolute Maximum Ratings
Supply Voltage (VCC–VEE)
0V – 126V
Maximum Output Current
g
60 mA
Storage Temperature Range
b
65 Cto a150 C
Operating Junction Temperaure
a
150 C
Recommended Operating Temperature
b
40 Cto85 C
VIN VINB VREF
VEEa08V (MIN) to VCCb08V (MAX)
VIN–VINB
g
5V
Important Note
All parameters having MinMax specifications are guaranteed The Test Level column indicates the specific device testing actually
performed during production and Quality inspection Elantec performs most electrical tests using modern high-speed automatic test
equipment specifically the LTX77 Series system Unless otherwise noted all tests are pulsed tests therefore TJeTCeTA
Test Level
Test Procedure
I
100% production tested and QA sample tested per QA test plan QCX0002
II
100% production tested at TA e 25 C and QA sample tested at TA e 25 C
TMAX and TMIN per QA test plan QCX0002
III
QA sample tested per QA test plan QCX0002
IV
Parameter is guaranteed (but not tested) by Design and Characterization Data
V
Parameter is typical value at TA e 25 C for information purposes only
DC Electrical Characteristics
VCC ea5V VEE eb5V TA e 25 C VIN e 0V RL e 200 unless otherwise specified
Parameter
Description
Min
Typ
Max
Test
Units
Level
Vsupply
Supply Operating Range (VCC–VEE)
g
30
g
50
g
63
I
V
IS
Power Supply Current (No Load)
11
14
I
mA
VOS
Input Referred Offset Voltage
b
25
10
40
I
mV
IIN
Input Bias Current (VIN VINB VREF)
b
20
6
20
I
mA
ZIN
Differential Input Impedance
400
V
k
X
VDIFF
Differential Input Range
g
20
g
23
I
V
AV
Voltage Gain (EL2140C) VIN e 2V pk-pk
195
1985
202
I
VV
AVOL
Open Loop Voltage Gain (EL2141C)
75
V
dB
VCM
Input Common Mode Voltage Range (EL2140C)
b
26
a
40
I
V
VOUT(200)
Output Voltage Swing (200
X load VOUT to VOUTB) (EL2141C)
g
34
g
36
I
V
VOUT(100)
Output Voltage Swing (100
X Load VOUT to VOUTB) (EL2141C)
g
29
g
31
I
V
VN
Input Referred Voltage Noise
36
V
nV SHz
VREF
Output Voltage Control Range (EL2140C)
b
25
a
33
I
V
VREFOS
Output Offset Relative to VREF
b
60
b
25
a
60
I
mV
PSRR
Power Supply Rejection Ratio
60
70
I
dB
IOUT(min)
Minimum Output Current
50
60
I
mA
CMRR
Input Common Mode Rejection Ratio (EL2140C) VCM e g 2V
60
70
I
dB
ROUT
(VOUT e VOUTB e 0V) Output Impedence
01
V
X
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com