Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM636327 Datasheet (PDF) - Etron Technology, Inc.

EM636327 Datasheet PDF - Etron Technology, Inc.
Part # EM636327
Download  EM636327 Download
File Size   1390.32 Kbytes
Page   78 Pages
Manufacturer  ETRON [Etron Technology, Inc.]
Direct Link  http://www.etron.com
Logo ETRON - Etron Technology, Inc.
Description 512K x 32 High Speed Synchronous Graphics DRAM(SGRAM)

EM636327 Datasheet (PDF)

Go To PDF Page Download Datasheet
EM636327 Datasheet PDF - Etron Technology, Inc.

Part # EM636327
Download  EM636327 Click to download

File Size   1390.32 Kbytes
Page   78 Pages
Manufacturer  ETRON [Etron Technology, Inc.]
Direct Link  http://www.etron.com
Logo ETRON - Etron Technology, Inc.
Description 512K x 32 High Speed Synchronous Graphics DRAM(SGRAM)

EM636327 Datasheet (HTML) - Etron Technology, Inc.


EM636327 Product details

Overview

The EM636327 SGRAM is a high-speed CMOS synchronous graphics DRAM containing 16 Mbits. It is internally configured as a dual 256K x 32 DRAM with a synchronous interface (all signals are registered on the positive edge of the clock signal, CLK). Each of the 256K x 32 bit banks is organized as 1024 rows by 256 columns by 32 bits. Read and write accesses to the SGRAM are burst oriented; accesses start at a selected location and continue for a programmed number of locations in a programmed sequence. Accesses begin with the registration of a BankActivate command which is then followed by a Read or Write command.



Features

· Fast access time from clock: 5/5/5.5/6.5/7.5 ns

· Fast clock rate: 183/166/143/125/100 MHz

· Fully synchronous operation

· Internal pipelined architecture

· Dual internal banks(256K x 32-bit x 2-bank)

· Programmable Mode and Special Mode registers

   - CAS# Latency: 1, 2, or 3

   - Burst Length: 1, 2, 4, 8, or full page

   - Burst Type: interleaved or linear burst

   - Burst-Read-Single-Write

   - Load Color or Mask register

· Burst stop function

· Individual byte controlled by DQM0-3

· Block write and write-per-bit capability

· Auto Refresh and Self Refresh

· 2048 refresh cycles/32ms

· Single +3.3V±0.3V power supply

· Interface: LVTTL

· JEDEC 100-pin Plastic package

   -QFP (body thickness=2.8mm)

   -TQFP1.4 (body thickness=1.4mm)

   -TQFP1.0 (body thickness=1.0mm)



 




Similar Part No. - EM636327

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM636165 ETRON-EM636165 Datasheet
771Kb / 74P
1Mega x 16 Synchronous DRAM (SDRAM)
EM636165 ETRON-EM636165 Datasheet
791Kb / 75P
1Mega x 16 Synchronous DRAM (SDRAM)
EM636165-XXI ETRON-EM636165-XXI Datasheet
757Kb / 73P
1Mega x 16 Synchronous DRAM (SDRAM)
EM636165TS ETRON-EM636165TS Datasheet
489Kb / 52P
1M x 16 bit Synchronous DRAM (SDRAM)
EM636165TS-10 ETRON-EM636165TS-10 Datasheet
771Kb / 74P
1Mega x 16 Synchronous DRAM (SDRAM)
More results


Similar Description - EM636327

ManufacturerPart #DatasheetDescription
logo
A-Data Technology
ADS6632A4A A-DATA-ADS6632A4A Datasheet
648Kb / 8P
Synchronous DRAM(512K X 32 Bit X 4 Banks)???
Rev 1.0 April, 2001
VDS6632A4A A-DATA-VDS6632A4A Datasheet
648Kb / 8P
Synchronous DRAM(512K X 32 Bit X 4 Banks)
Rev 1.0 April, 2001
logo
Elite Semiconductor Mem...
M12L64322A ESMT-M12L64322A Datasheet
813Kb / 44P
512K x 32 Bit x 4 Banks Synchronous DRAM
logo
AMIC Technology
A43L1632 AMICC-A43L1632 Datasheet
1Mb / 43P
512K X 32 Bit X 4 Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M12L64322A ESMT-M12L64322A_07 Datasheet
783Kb / 47P
512K x 32 Bit x 4 Banks Synchronous DRAM
M12S64322A ESMT-M12S64322A Datasheet
725Kb / 46P
512K x 32 Bit x 4 Banks Synchronous DRAM
M12L64322A ESMT-M12L64322A_08 Datasheet
790Kb / 47P
512K x 32 Bit x 4 Banks Synchronous DRAM
M12L64322A ESMT-M12L64322A_1 Datasheet
776Kb / 46P
512K x 32 Bit x 4 Banks Synchronous DRAM
M12S64322A ESMT-M12S64322A_09 Datasheet
759Kb / 46P
512K x 32 Bit x 4 Banks Synchronous DRAM
M52L64322A ESMT-M52L64322A Datasheet
1Mb / 46P
512K x 32 Bit x 4 Banks Synchronous DRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com