Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB15F03LPV Datasheet (PDF) - fujitsu semiconductor

MB15F03LPV Datasheet PDF - fujitsu semiconductor
Part # MB15F03LPV
Download  MB15F03LPV Download
File Size   273.01 Kbytes
Page   24 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description Dual Serial Input PLL Frequency Synthesizer

MB15F03LPV Datasheet (PDF)

Go To PDF Page Download Datasheet
MB15F03LPV Datasheet PDF - fujitsu semiconductor

Part # MB15F03LPV
Download  MB15F03LPV Click to download

File Size   273.01 Kbytes
Page   24 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description Dual Serial Input PLL Frequency Synthesizer

MB15F03LPV Datasheet (HTML) - fujitsu semiconductor


MB15F03LPV Product details

■DESCRIPITON

The Fujitsu MB15F03L is a serial input Phase Locked Loop (PLL) frequency synthesizer with a 1800MHz and a 250MHz prescalers. A 64/65 or a 128/129 for the 1800MHz prescaler, and a 16/17 or a 32/33 for 250MHz prescaler can be selected that enables pulse swallow operation. The latest BiCMOS process technology is used, resuItantly a supply current is limited as low as 5.0mA typ. at a supply voltage of 3.0V. Furthermore, a super charger circuit is included to provide a fast tuning as well as low noise performance. As a result of this, MB15F03L is ideally suitable for digital mobile communications, such as PHS(Personal Handy Phone System), PCN (Personal Communication Network) and PCS(Personal Communication Service).





■FEATURES

• High frequency operation RF synthesizer: 1800MHz max. / IF synthesizer: 250MHz max.

• Low power supply voltage: VCC= 2.7 to 3.6V

• Very Low power supply current : ICC = 5.0 mA typ. (Vcc = 3V)

• Power saving function : Supply current at power saving mode Typ.0.1µA (Vcc=3V), Max.10µA (IPS1=IPS2)

• Dual modulus prescaler : 1800MHz prescaler(64/65,128/129) , 250MHz prescaler(16/17,32/33)

• Serial input 14–bit programmable reference divider: R = 5 to 16,383

• Serial input 18–bit programmable divider consisting of:

- Binary 7–bit swallow counter: 0 to 127

- Binary 11–bit programmable counter: 5 to 2,047

• On–chip high performance charge pump circuit and phase comparator, achieving high–speed lock–up and low phase noise

• On–chip phase control for phase comparator

• Wide operating temperature: Ta = -40 to 85°C




Similar Part No. - MB15F03LPV

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB15F03 FUJITSU-MB15F03 Datasheet
192Kb / 22P
Dual Serial Input PLL Frequency Synthesizer
MB15F03PFV FUJITSU-MB15F03PFV Datasheet
192Kb / 22P
Dual Serial Input PLL Frequency Synthesizer
MB15F03PV FUJITSU-MB15F03PV Datasheet
192Kb / 22P
Dual Serial Input PLL Frequency Synthesizer
MB15F03SL FUJITSU-MB15F03SL Datasheet
225Kb / 25P
Dual Serial Input PLL Frequency Synthesizer
MB15F03SLPFV1 FUJITSU-MB15F03SLPFV1 Datasheet
225Kb / 25P
Dual Serial Input PLL Frequency Synthesizer
More results


Similar Description - MB15F03LPV

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB15F02 FUJITSU-MB15F02 Datasheet
202Kb / 24P
Dual Serial Input PLL Frequency Synthesizer
MB15F02L FUJITSU-MB15F02L Datasheet
266Kb / 24P
Dual Serial Input PLL Frequency Synthesizer
MB15F02SL FUJITSU-MB15F02SL Datasheet
228Kb / 25P
Dual Serial Input PLL Frequency Synthesizer
MB15F03 FUJITSU-MB15F03 Datasheet
192Kb / 22P
Dual Serial Input PLL Frequency Synthesizer
MB15F07SL FUJITSU-MB15F07SL Datasheet
244Kb / 27P
Dual Serial Input PLL Frequency Synthesizer
MB15F08SL FUJITSU-MB15F08SL Datasheet
239Kb / 27P
Dual Serial Input PLL Frequency Synthesizer
MB15F72SP FUJITSU-MB15F72SP Datasheet
286Kb / 27P
Dual Serial Input PLL Frequency Synthesizer
MB1519 FUJITSU-MB1519 Datasheet
133Kb / 16P
DUAL SERIAL INPUT PLL FREQUENCY SYNTHESIZER
MB15F72UL FUJITSU-MB15F72UL Datasheet
279Kb / 27P
Dual Serial Input PLL Frequency Synthesizer
MB15F74UV FUJITSU-MB15F74UV_04 Datasheet
231Kb / 25P
Dual Serial Input PLL Frequency Synthesizer
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com