Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFA3683A Datasheet (PDF) - Intersil Corporation

HFA3683A Datasheet PDF - Intersil Corporation
Part # HFA3683A
Download  HFA3683A Download
File Size   187.97 Kbytes
Page   17 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 2.4GHz RF/IF Converter and Synthesizer

HFA3683A Datasheet (PDF)

Go To PDF Page Download Datasheet
HFA3683A Datasheet PDF - Intersil Corporation

Part # HFA3683A
Download  HFA3683A Click to download

File Size   187.97 Kbytes
Page   17 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 2.4GHz RF/IF Converter and Synthesizer

HFA3683A Datasheet (HTML) - Intersil Corporation


HFA3683A Product details

The HFA3683A is a monolithic SiGe half-duplex RF/IF transceiver designed to operate in the 2.4GHz ISM band. The receive chain features a low noise, gain selectable amplifier (LNA) followed by a down-converter mixer. An up-converter mixer and a high performance preamplifier compose the transmit chain. The remaining circuitry comprises a high frequency Phase Locked Loop (PLL) synthesizer with a three wire programmable interface for local oscillator applications.

Features
• Highly Integrated
• Multiplexed RX/TX IF Path Utilizes Single IF Filter
• Programmable Synthesizer
• Gain Selectable LNA
• Power Management/Standby Mode
• Single Supply 2.7V to 3.3V Operation

Cascaded LNA/Mixer (High Gain)
• Gain . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .25dB
• SSB Noise Figure. . . . . . . . . . . . . . . . . . . . . . . . . . . 3.7dB
• Input IP3 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -13dBm
• IF Frequency . . . . . . . . . . . . . . . . . . . 280MHz to 600MHz

Cascaded LNA/Mixer (Low Gain)
• Gain . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -5dB
• Input P1dB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +2.5dBm
• IF Frequency . . . . . . . . . . . . . . . . . . . 280MHz to 600MHz

Cascaded Mixer/Preamplifier
• Transmit Cascaded Mixer/Preamplifier Gain . . . . . . .25dB
• SSB Noise Figure. . . . . . . . . . . . . . . . . . . . . . . . . . . .10dB
• Output P1dB. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4dBm
• IF Frequency . . . . . . . . . . . . . . . . . . . 280MHz to 600MHz

Applications
• IEEE802.11 1MBPS and 2MBPS Standard
• Systems Targeting IEEE802.11, 11MBPS Standard
• Wireless Local Area Networks
• PCMCIA Wireless Transceivers
• ISM Systems
• TDMA Packet Protocol Radios




Similar Part No. - HFA3683A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3600 INTERSIL-HFA3600 Datasheet
430Kb / 16P
Low-Noise Amplifier/Mixer
May 1999
HFA3600 INTERSIL-HFA3600 Datasheet
543Kb / 16P
Low-Noise Amplifier/Mixer
August 2002
logo
Renesas Technology Corp
HFA3600 RENESAS-HFA3600 Datasheet
861Kb / 16P
Low-Noise Amplifier/Mixer
August 2002
logo
Intersil Corporation
HFA3600IB INTERSIL-HFA3600IB Datasheet
430Kb / 16P
Low-Noise Amplifier/Mixer
May 1999
HFA3600IB INTERSIL-HFA3600IB Datasheet
543Kb / 16P
Low-Noise Amplifier/Mixer
August 2002
More results


Similar Description - HFA3683A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2820 MAXIM-MAX2820 Datasheet
392Kb / 23P
2.4GHz 802.11b Zero-IF Transceivers
Rev 2; 11/03
logo
Micro Linear Corporatio...
ML2712 MICRO-LINEAR-ML2712 Datasheet
293Kb / 22P
2.4GHz RF Transceiver
logo
Infineon Technologies A...
PMB2347 INFINEON-PMB2347 Datasheet
578Kb / 35P
RF/IF Double PLL Frequency Synthesizer
Version 1.1 August 1999
PMB2349 INFINEON-PMB2349 Datasheet
670Kb / 35P
Optimized RF/IF Dual PLL Frequency Synthesizer
Version 1.0 May 2000
logo
RF Micro Devices
RF6001 RFMD-RF6001 Datasheet
35Kb / 2P
FRACTIONAL-N RF SYNTHESIZER WITH MODULATOR AND DIGITAL IF FILTER
logo
Texas Instruments
TRF1121 TI-TRF1121 Datasheet
1Mb / 26P
Dual VCO/PLL Synthesizer With IF Up-Converter
logo
Intersil Corporation
ISL3685 INTERSIL-ISL3685 Datasheet
199Kb / 19P
2.4GHz RF/IF Converter and Synthesizer
January 2001
logo
RF Micro Devices
RF6001 RFMD-RF6001_1 Datasheet
1Mb / 70P
FRACTIONAL-N RF SYNTHESIZER WITH MODULATOR AND DIGITAL IF FILTER
logo
Motorola, Inc
MC2800SYNEVK MOTOROLA-MC2800SYNEVK Datasheet
261Kb / 11P
FLEX Paging RF/IF Frequency Synthesizer Receiver
logo
KOA Speer Electronics, ...
MAX2821ETM KOA-MAX2821ETM Datasheet
605Kb / 26P
2.4GHz 802.11b Zero-IF Transceivers
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com