Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFP12N20 Datasheet (PDF) - Intersil Corporation

RFP12N20 Datasheet PDF - Intersil Corporation
Part # RFP12N20
Download  RFP12N20 Download
File Size   35.64 Kbytes
Page   4 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 12A, 180V and 200V, 0.250 Ohm, N-Channel Power MOSFETs

RFP12N20 Datasheet (PDF)

Go To PDF Page Download Datasheet
RFP12N20 Datasheet PDF - Intersil Corporation

Part # RFP12N20
Download  RFP12N20 Click to download

File Size   35.64 Kbytes
Page   4 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 12A, 180V and 200V, 0.250 Ohm, N-Channel Power MOSFETs

RFP12N20 Datasheet (HTML) - Intersil Corporation


RFP12N20 Product details

Description

These are N-Channel enhancement mode silicon gate power field effect transistors designed for applications such as switching regulators, switching converters, motor drivers, relay drivers and drivers for high power bipolar switching transistors requiring high speed and low gate drive power. These types can be operated directly from integrated circuits.

Formerly developmental type TA09293.



Features

• 12A, 180V and 200V

• rDS(ON) = 0.250Ω

• Related Literature

- TB334 “Guidelines for Soldering Surface Mount Components to PC Boards”




Similar Part No. - RFP12N20

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
RFP12N20 NJSEMI-RFP12N20 Datasheet
73Kb / 2P
N-Channel Enhancement Mode Power Field Effect Transistors
logo
Inchange Semiconductor ...
RFP12N20 ISC-RFP12N20 Datasheet
371Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - RFP12N20

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FRS240D INTERSIL-FRS240D Datasheet
48Kb / 6P
12A, 200V, 0.255 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
RFD3055 INTERSIL-RFD3055 Datasheet
82Kb / 8P
12A, 60V, 0.150 Ohm, N-Channel Power MOSFETs
July 1999
RFH12N35 INTERSIL-RFH12N35 Datasheet
40Kb / 5P
12A, 350V and 400V, 0.380 Ohm, N-Channel Power MOSFETs
October 1998
RFK25N18 INTERSIL-RFK25N18 Datasheet
42Kb / 5P
25A, 180V and 200V, 0.150 Ohm, N-Channel Power MOSFETs
October 1998
RFL1N18 INTERSIL-RFL1N18 Datasheet
43Kb / 5P
1A, 180V and 200V, 3.65 Ohm, N-Channel Power MOSFETs
January 1998
RFM12N08 INTERSIL-RFM12N08 Datasheet
43Kb / 5P
12A, 80V and 100V, 0.200 Ohm, N-Channel Power MOSFETs
October 1998
RFM12N35 INTERSIL-RFM12N35 Datasheet
31Kb / 4P
12A, 350V and 400V, 0.500 Ohm, N-Channel Power MOSFETs
September 1998
logo
Fairchild Semiconductor
RFP3055 FAIRCHILD-RFP3055 Datasheet
418Kb / 8P
12A, 60V, 0.150 Ohm, N-Channel Power MOSFETs
RFD3055SM9A FAIRCHILD-RFD3055SM9A Datasheet
424Kb / 8P
12A, 60V, 0.150 Ohm, N-Channel Power MOSFETs
logo
New Jersey Semi-Conduct...
RFL1N10 NJSEMI-RFL1N10 Datasheet
96Kb / 2P
1A, 180V and 200V, 3.65 Ohm, N-Channel Power MOSFETs
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com