Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RHRU5090 Datasheet (PDF) - Intersil Corporation

RHRU5090 Datasheet PDF - Intersil Corporation
Part # RHRU5090
Download  RHRU5090 Download
File Size   56.83 Kbytes
Page   4 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 50A, 700V - 1000V Hyperfast Diodes

RHRU5090 Datasheet (PDF)

Go To PDF Page Download Datasheet
RHRU5090 Datasheet PDF - Intersil Corporation

Part # RHRU5090
Download  RHRU5090 Click to download

File Size   56.83 Kbytes
Page   4 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 50A, 700V - 1000V Hyperfast Diodes

RHRU5090 Datasheet (HTML) - Intersil Corporation


RHRU5090 Product details

RHRU5070, RHRU5080, RHRU5090 and RHRU50100
(TA49066) are hyperfast diodes with soft recovery characteristics (tRR < 75ns). They have half the recovery time of ultrafast diodes and are silicon nitride passivated ionimplanted epitaxial planar construction.
These devices are intended for use as freewheeling/clamping diodes and rectifiers in a variety of switching power supplies and other power switching applications. Their low stored charge and hyperfast soft recovery minimize ringing and electrical noise in many power switching circuits reducing power loss in the switching transistors.

Features
• Hyperfast with Soft Recovery . . . . . . . . . . . . . . . .<75ns
• Operating Temperature . . . . . . . . . . . . . . . . . . . +175°C
• Reverse Voltage Up To. . . . . . . . . . . . . . . . . . . . . .1000V
• Avalanche Energy Rated
• Planar Construction

Applications
• Switching Power Supplies
• Power Switching Circuits
• General Purpose




Similar Part No. - RHRU5090

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RHRU50120 INTERSIL-RHRU50120 Datasheet
59Kb / 4P
50A, 1200V Hyperfast Diode
April 1995
RHRU5040 INTERSIL-RHRU5040 Datasheet
57Kb / 4P
50A, 400V - 600V Hyperfast Diodes
April 1995
RHRU5050 INTERSIL-RHRU5050 Datasheet
57Kb / 4P
50A, 400V - 600V Hyperfast Diodes
April 1995
RHRU5060 INTERSIL-RHRU5060 Datasheet
57Kb / 4P
50A, 400V - 600V Hyperfast Diodes
April 1995
More results


Similar Description - RHRU5090

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RHRG5060 FAIRCHILD-RHRG5060 Datasheet
348Kb / 5P
50A, 600V Hyperfast Diode
logo
Intersil Corporation
RHRG50100 INTERSIL-RHRG50100 Datasheet
38Kb / 3P
50A, 1000V Hyperfast Diode
January 2000
RHRG7570 INTERSIL-RHRG7570 Datasheet
61Kb / 4P
75A, 700V - 1000V Hyperfast Diodes
April 1995
RHRU15090 INTERSIL-RHRU15090 Datasheet
39Kb / 3P
150A, 900V - 1000V Hyperfast Diodes
April 1995
RHRU5040 INTERSIL-RHRU5040 Datasheet
57Kb / 4P
50A, 400V - 600V Hyperfast Diodes
April 1995
RHRU7570 INTERSIL-RHRU7570 Datasheet
60Kb / 4P
75A, 700V - 1000V Hyperfast Diodes
April 1995
RURG3070CC INTERSIL-RURG3070CC Datasheet
31Kb / 3P
30A, 700V - 1000V Ultrafast Dual Diodes
April 1995
RURG50100 INTERSIL-RURG50100 Datasheet
32Kb / 3P
50A, 1000V Ultrafast Diode
January 2000
RURU15070 INTERSIL-RURU15070 Datasheet
48Kb / 4P
150A, 700V - 1000V Ultrafast Diodes
April 1995
RURU50100 INTERSIL-RURU50100 Datasheet
31Kb / 3P
50A, 1000V Ultrafast Diode
January 2000
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com