Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFI624G Datasheet (PDF) - International Rectifier

IRFI624G Datasheet PDF - International Rectifier
Part # IRFI624G
Download  IRFI624G Download
File Size   170.86 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=250V, Rds(on)=1.1ohm, Id=3.4A)

IRFI624G Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFI624G Datasheet PDF - International Rectifier

Part # IRFI624G
Download  IRFI624G Click to download

File Size   170.86 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=250V, Rds(on)=1.1ohm, Id=3.4A)

IRFI624G Datasheet (HTML) - International Rectifier


IRFI624G Product details

Through-Hole Packags

TO-220 FullPak (Fully Isolated)




Similar Part No. - IRFI624G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFI624G VISHAY-IRFI624G Datasheet
1Mb / 8P
Power MOSFET
16-Jun-08
logo
International Rectifier
IRFI624GPBF IRF-IRFI624GPBF Datasheet
289Kb / 8P
HEXFET Power MOSFET
logo
Vishay Siliconix
IRFI624GPBF VISHAY-IRFI624GPBF Datasheet
1Mb / 8P
Power MOSFET
16-Jun-08
More results


Similar Description - IRFI624G

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF634 IRF-IRF634 Datasheet
171Kb / 6P
Power MOSFET(Vdss=250V, Rds(on)=0.45ohm, Id=8.1A)
IRF644 IRF-IRF644 Datasheet
173Kb / 6P
Power MOSFET(Vdss=250V, Rds(on)=0.28ohm, Id=14A)
IRFD214 IRF-IRFD214 Datasheet
497Kb / 8P
Power MOSFET(Vdss=250V, Rds(on)=2.0ohm, Id=0.45A)
IRFD224 IRF-IRFD224 Datasheet
467Kb / 8P
Power MOSFET(Vdss=250V, Rds(on)=1.1ohm, Id=0.63A)
IRFI614G IRF-IRFI614G Datasheet
173Kb / 6P
Power MOSFET(Vdss=250V, Rds(on)=2.0ohm, Id=2.1A)
IRFI734G IRF-IRFI734G Datasheet
241Kb / 8P
Power MOSFET(Vdss=450V, Rds(on)=1.2ohm, Id=3.4A)
IRFI9634G IRF-IRFI9634G Datasheet
120Kb / 8P
Power MOSFET(Vdss=-250V, Rds(on)=1.0ohm, Id=-4.1A)
IRFL214 IRF-IRFL214 Datasheet
174Kb / 6P
Power MOSFET(Vdss=250V, Rds(on)=2.0ohm, Id=0.79A)
IRFP264N IRF-IRFP264N Datasheet
222Kb / 8P
Power MOSFET(Vdss=250V, Rds(on)=60mohm, Id=44A)
IRFR224 IRF-IRFR224 Datasheet
175Kb / 6P
Power MOSFET(Vdss=250V, Rds(on)=1.1ohm, Id=3.8A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com