Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFU024N Datasheet (PDF) - International Rectifier

IRFU024N Datasheet PDF - International Rectifier
Part # IRFU024N
Download  IRFU024N Download
File Size   178.33 Kbytes
Page   10 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=55V, Rds(on)=0.075ohm, Id=17A??

IRFU024N Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFU024N Datasheet PDF - International Rectifier

Part # IRFU024N
Download  IRFU024N Click to download

File Size   178.33 Kbytes
Page   10 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=55V, Rds(on)=0.075ohm, Id=17A??

IRFU024N Datasheet (HTML) - International Rectifier




Similar Part No. - IRFU024N

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRFU024N KERSEMI-IRFU024N Datasheet
942Kb / 10P
Ultra Low On-Resistance
logo
Inchange Semiconductor ...
IRFU024N ISC-IRFU024N Datasheet
319Kb / 2P
Isc N-Channel MOSFET Transistor
logo
International Rectifier
IRFU024NPBF IRF-IRFU024NPBF Datasheet
401Kb / 10P
HEXFET Power MOSFET
logo
Kersemi Electronic Co.,...
IRFU024NPBF KERSEMI-IRFU024NPBF Datasheet
3Mb / 10P
Ultra Low On-Resistance
IRFU024NPBF KERSEMI-IRFU024NPBF Datasheet
3Mb / 10P
Ultra Low On-Resistance
More results


Similar Description - IRFU024N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3205S IRF-IRF3205S Datasheet
160Kb / 10P
Power MOSFET(Vdss=55V, Rds(on)=8.0mohm, Id=110A??
IRF530N IRF-IRF530N Datasheet
212Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)=90mohm, Id=17A)
IRFBA1405P IRF-IRFBA1405P Datasheet
238Kb / 9P
Power MOSFET(Vdss=55V, Rds(on)=5.0mohm, Id=174A??
IRFL024N IRF-IRFL024N Datasheet
110Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=0.075ohm, Id=2.8A)
IRFP250N IRF-IRFP250N Datasheet
122Kb / 8P
Power MOSFET(Vdss = 200 V, Rds(on)=0.075ohm, Id=30A)
IRFP264 IRF-IRFP264 Datasheet
168Kb / 6P
Power MOSFET(Vdss=250V, Rds(on)=0.075ohm, Id=38A)
IRFR2605 IRF-IRFR2605 Datasheet
345Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=0.075ohm, Id=19A)
IRFZ24N IRF-IRFZ24N Datasheet
123Kb / 8P
Power MOSFET (Vdss=55V, Rds(on)=0.07ohm, Id=17A)
IRFZ24NS IRF-IRFZ24NS Datasheet
159Kb / 10P
Power MOSFET(Vdss=55V, Rds(on)=0.07ohm, Id=17A)
IRFZ24V IRF-IRFZ24V Datasheet
200Kb / 8P
Power MOSFET(Vdss=60V, Rds(on)=60mohm, Id=17A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com