Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFU024N Datasheet(PDF) 9 Page - International Rectifier

Part # IRFU024N
Description  Power MOSFET(Vdss=55V, Rds(on)=0.075ohm, Id=17A??
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFU024N Datasheet(HTML) 9 Page - International Rectifier

Back Button IRFU024N Datasheet HTML 2Page - International Rectifier IRFU024N Datasheet HTML 3Page - International Rectifier IRFU024N Datasheet HTML 4Page - International Rectifier IRFU024N Datasheet HTML 5Page - International Rectifier IRFU024N Datasheet HTML 6Page - International Rectifier IRFU024N Datasheet HTML 7Page - International Rectifier IRFU024N Datasheet HTML 8Page - International Rectifier IRFU024N Datasheet HTML 9Page - International Rectifier IRFU024N Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
IRFR/U024N
www.irf.com
9
Package Outline
TO-251AA Outline
Dimensions are shown in millimeters (inches)
TO-251AA (I-PARK)
Part Marking Information
6.73 (.26 5 )
6.35 (.25 0 )
- A -
6.22 (.24 5)
5.97 (.23 5)
- B -
3X
0.89 (.035)
0.64 (.025)
0 .25 (.0 1 0 )
M
A M B
2.28 (.090 )
1 .1 4 (.045)
0 .7 6 (.030)
5.46 (.215 )
5.21 (.205 )
1.27 (.050 )
0.88 (.035 )
2.38 (.09 4)
2.19 (.08 6)
1.14 (.045 )
0.89 (.035 )
0.58 (.023 )
0.46 (.018 )
L EAD AS SIG N M E N T S
1 - G A T E
2 - D R A IN
3 - S O U R C E
4 - D R A IN
NO T E S :
1 D IM E N S IO N IN G & T O LE R A N C IN G P E R A N S I Y 1 4 .5M , 1982 .
2 C O NT RO L L IN G DIM E N S IO N : IN CH.
3 C O NFO R M S T O JE DE C O U T L IN E TO -2 5 2 A A .
4 D IM E N S IO N S SH OW N A R E BEF OR E SOL D E R D IP,
S O L DE R DIP MA X . + 0.1 6 (.0 0 6 ).
9.65 (.3 8 0 )
8.89 (.3 5 0 )
2X
3X
2.28 (.09 0)
1.91 (.07 5)
1.52 (.06 0)
1.15 (.04 5)
4
1
2
3
6.45 (.245 )
5.68 (.224 )
0.58 (.02 3 )
0.46 (.01 8 )
IN T E R N A T IO N A L
R E C T IF IE R
L O G O
AS SEM BLY
L O T
C O D E
F IR S T P O R T IO N
OF PAR T N U M BE R
SEC ON D PO R T IO N
OF PAR T N U M B E R
12 0
9U
1 P
E X A M P L E : T H IS IS A N IR F U 1 2 0
W IT H ASSEM BL Y
L O T C O D E 9 U 1 P
IR F U



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com