Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFU024N Datasheet(PDF) 5 Page - International Rectifier

Part # IRFU024N
Description  Power MOSFET(Vdss=55V, Rds(on)=0.075ohm, Id=17A??
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFU024N Datasheet(HTML) 5 Page - International Rectifier

  IRFU024N Datasheet HTML 1Page - International Rectifier IRFU024N Datasheet HTML 2Page - International Rectifier IRFU024N Datasheet HTML 3Page - International Rectifier IRFU024N Datasheet HTML 4Page - International Rectifier IRFU024N Datasheet HTML 5Page - International Rectifier IRFU024N Datasheet HTML 6Page - International Rectifier IRFU024N Datasheet HTML 7Page - International Rectifier IRFU024N Datasheet HTML 8Page - International Rectifier IRFU024N Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
IRFR/U024N
www.irf.com
5
Fig 10a. Switching Time Test Circuit
VDS
90%
10%
VGS
td(on)
tr
td(off) tf
Fig 10b. Switching Time Waveforms
VDS
Pulse Width
≤ 1 µs
Duty Factor
≤ 0.1 %
RD
VGS
RG
D.U.T.
4.5V
+
-VDD
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
Fig 9. Maximum Drain Current Vs.
Case Temperature
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
t , R e c ta n g ula r P u ls e D u ra tion (sec )
1
D = 0.5 0
0.01
0.02
0.05
0.10
0.20
S IN G LE P U LS E
(T H E R M AL R E SP O N S E )
A
P
t
2
1
t
DM
N otes :
1 . D uty f ac t or D = t
/ t
2 . P ea k T = P
x Z
+ T
1
2
J
DM
th J C
C
0
4
8
12
16
20
25
50
75
100
125
150
175
C
T , C as e T em pe rature (°C )
A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com