Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL43140 Datasheet (PDF) - Intersil Corporation

ISL43140 Datasheet PDF - Intersil Corporation
Part # ISL43140
Download  ISL43140 Download
File Size   580.77 Kbytes
Page   17 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Low-Voltage, Single and Dual Supply,High Performance, Quad SPST, Analog Switches

ISL43140 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL43140 Datasheet PDF - Intersil Corporation

Part # ISL43140
Download  ISL43140 Click to download

File Size   580.77 Kbytes
Page   17 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Low-Voltage, Single and Dual Supply,High Performance, Quad SPST, Analog Switches

ISL43140 Datasheet (HTML) - Intersil Corporation


ISL43140 Product details

The Intersil ISL43140–ISL43142 devices are CMOS,
precision, quad analog switches designed to operate from a
single +2V to +12V supply or from a 2V to 6V supply.
Targeted applications include battery powered equipment that
benefit from the devices’ low power consumption (1W), low
leakage currents (1nA max), and fast switching speeds
(tON = 30ns, tOFF = 18ns). A 12 maximum RON flatness
ensures signal fidelity, while channel-to-channel mismatch is
guaranteed to be less than 2.5. The 3mm x 3mm Quad NoLead Flatpack (QFN) package alleviates board space
limitations, making this newest line of low-voltage switches an
ideal solution.
The ISL43140/ISL43141/ISL43142 are quad single-pole/
single-throw (SPST) devices. The ISL43140 has four normally
closed (NC) switches; the ISL43141 has four normally open
(NO) switches; the ISL43142 has two NO and two NC
switches and can be used as a dual SPDT, or a dual 2:1
multiplexer.

Features
• Fully Specified at 5V, 12V, 5V, and 3V Supplies for 10%
Tolerances
• Four Separately Controlled SPST Switches
• Pin Compatible with DG411/DG412/DG413
• ON Resistance (RON) . . . . . . . . . . . . . . . . . . . . . . . . 50
• RON Matching Between Channels. . . . . . . . . . . . . . . . . . . 2
• Low Charge Injection . . . . . . . . . . . . . . . . . . . . . . 5pC (Max)
• Low Power Consumption (PD). . . . . . . . . . . . . . . . . . . .<1W
• Low Leakage Current (Max at 85°C) . . . . . . . . . . . . . 5nA
• Fast Switching Action
- tON . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30ns
- tOFF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18ns
• Guaranteed Break-Before-Make (ISL43142 only)
• Minimum 2000V ESD Protection per Method 3015.7
• TTL, CMOS Compatible
• Pb-free Available

Applications
• Battery Powered, Handheld, and Portable Equipment
- Cellular/Mobile Phones
- Pagers
- Laptops, Notebooks, Palmtops
• Communications Systems
- Military Radios
- RF “Tee” Switches
• Test Equipment
- Ultrasound
- Electrocardiograph
• Heads-Up Displays
• Audio and Video Switching
• General Purpose Circuits
- +3V/+5V DACs and ADCs
- Digital Filters
- Operational Amplifier Gain Switching Networks
- High Frequency Analog Switching
- High Speed Multiplexing




Similar Part No. - ISL43140

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43140 INTERSIL-ISL43140 Datasheet
432Kb / 16P
Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
November 2002
ISL43140 INTERSIL-ISL43140 Datasheet
505Kb / 16P
Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
July 2004
ISL43140 INTERSIL-ISL43140 Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL43140 RENESAS-ISL43140 Datasheet
1Mb / 17P
Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
logo
Intersil Corporation
ISL43140IB INTERSIL-ISL43140IB Datasheet
432Kb / 16P
Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
November 2002
More results


Similar Description - ISL43140

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43140 INTERSIL-ISL43140 Datasheet
432Kb / 16P
Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
November 2002
ISL43143 INTERSIL-ISL43143 Datasheet
470Kb / 15P
Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches
May 2003
ISL84521 INTERSIL-ISL84521 Datasheet
365Kb / 12P
Low-Voltage, Single and Dual Supply, Quad SPST, Analog Switches
July 2003
ISL43140 INTERSIL-ISL43140_04 Datasheet
505Kb / 16P
Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
July 2004
ISL43143 INTERSIL-ISL43143_05 Datasheet
526Kb / 15P
Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches
December 1, 2005
ISL8391IB INTERSIL-ISL8391IB Datasheet
344Kb / 12P
Low-Voltage, Single and Dual Supply Quad SPST, Analog Switches
August 2004
ISL43143IV INTERSIL-ISL43143IV Datasheet
498Kb / 16P
Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches
August 31, 2015
logo
Renesas Technology Corp
ISL43140 RENESAS-ISL43140 Datasheet
1Mb / 17P
Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
ISL43143 RENESAS-ISL43143 Datasheet
990Kb / 16P
Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches
ISL84521 RENESAS-ISL84521 Datasheet
700Kb / 13P
Low-Voltage, Single and Dual Supply, Quad SPST, Analog Switches
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com