Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACA-103-T Datasheet (PDF) - Abracon Corporation

ACA-103-T Datasheet PDF - Abracon Corporation
Part # ACA-103-T
Download  ACA-103-T Download
File Size   1429.07 Kbytes
Page   4 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description Bluetooth / WiFi / Dual Band Chip Antenna 2.4 ~ 5.4GHz

ACA-103-T Datasheet (PDF)

Go To PDF Page Download Datasheet
ACA-103-T Datasheet PDF - Abracon Corporation

Part # ACA-103-T
Download  ACA-103-T Click to download

File Size   1429.07 Kbytes
Page   4 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description Bluetooth / WiFi / Dual Band Chip Antenna 2.4 ~ 5.4GHz

ACA-103-T Datasheet (HTML) - Abracon Corporation




Similar Part No. - ACA-103-T

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACA-101-T ABRACON-ACA-101-T Datasheet
1Mb / 3P
WiFi / Bluetooth Chip Antenna 2400 ~ 2485MHz
10.03.13
ACA-102-T ABRACON-ACA-102-T Datasheet
1Mb / 3P
WiFi / Bluetooth Chip Antenna 2400 ~ 2485 MHz
10.03.13
ACA-104-T ABRACON-ACA-104-T Datasheet
1Mb / 3P
GPS Chip Antenna 1575.00MHz
10.03.13
ACA-105-T ABRACON-ACA-105-T Datasheet
1Mb / 5P
Surface Mount Multiband Chip Antenna 490 / 783 / 868 & 915MHz
10.06.14
ACA-106-T ABRACON-ACA-106-T Datasheet
1Mb / 4P
BEIDOU / GPS / GNSS Chip Antenna
10.06.14
More results


Similar Description - ACA-103-T

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACA-101-T ABRACON-ACA-101-T Datasheet
1Mb / 3P
WiFi / Bluetooth Chip Antenna 2400 ~ 2485MHz
10.03.13
logo
Unictron Technologies C...
H2U34W1H1Z0400 UNICTRON-H2U34W1H1Z0400 Datasheet
1Mb / 19P
WiFi/Bluetooth Ceramic Chip Antenna
H2U84W1H1S0300 UNICTRON-H2U84W1H1S0300 Datasheet
1Mb / 21P
WiFi Dual Band Ceramic Chip Antenna
logo
Abracon Corporation
ACAG0301-24505500-T ABRACON-ACAG0301-24505500-T Datasheet
8Mb / 6P
Dual band (2.4 GHz & 5.5 GHz) WiFi/Bluetooth Chip Antenna
06.21.2018
ACAR0301-SW2 ABRACON-ACAR0301-SW2 Datasheet
813Kb / 10P
Low Profile Dual Band WiFi Chip Antenna
11.09.2018
ACAR0301-SW2-EVB ABRACON-ACAR0301-SW2-EVB Datasheet
716Kb / 4P
Dual Band WiFi Chip Antenna Evaluation Board
09-2-19
logo
Molex Electronics Ltd.
2042810100 MOLEX-2042810100_V01 Datasheet
167Kb / 1P
2.4/5GHZ WIFI DUAL BAND ANTENNA
2020/09/15
logo
Suzhou Maswell Communic...
AN_W_CA_2630_T05 MASWELL-AN_W_CA_2630_T05 Datasheet
474Kb / 7P
Maswell WiFi/Bluetooth 2.4/5.8GHz dualband Metal SMD Chip Antenna
AN_W_CA_3216_P01 MASWELL-AN_W_CA_3216_P01 Datasheet
677Kb / 7P
Maswell WiFi/Bluetooth Chip Antenna
AN_W_CA_5020_M01 MASWELL-AN_W_CA_5020_M01 Datasheet
573Kb / 7P
Maswell WiFi/Bluetooth Chip Antenna
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com